Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679KN Datasheet(PDF) 12 Page - Analog Devices

Part # AD679KN
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679KN Datasheet(HTML) 12 Page - Analog Devices

Back Button AD679KN Datasheet HTML 4Page - Analog Devices AD679KN Datasheet HTML 5Page - Analog Devices AD679KN Datasheet HTML 6Page - Analog Devices AD679KN Datasheet HTML 7Page - Analog Devices AD679KN Datasheet HTML 8Page - Analog Devices AD679KN Datasheet HTML 9Page - Analog Devices AD679KN Datasheet HTML 10Page - Analog Devices AD679KN Datasheet HTML 11Page - Analog Devices AD679KN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD679
REV. C
–12–
Figure 13. Harmonic Distortion vs. Input Frequency
(–0.5 dB Input)
Figure 14. Total Harmonic Distortion vs. Input
Frequency and Amplitude
Figure 15. S/(N+D) vs. Input Frequency and Amplitude
Figure 16. 5-Plot Averaged 2048 Point FFT at 128
kSPS, fIN = 10.009 kHz
Figure 17. Nonaveraged IMD Plot for fIN = 9.08 kHz
(fa), 9.58 kHz (fb) at 128 kSPS
Figure 18. Power Supply Rejection (fIN = 10 kHz,
fSAMPLE = 128 kSPS, VRIPPLE = 0.1 V p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com