Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD684 Datasheet(PDF) 3 Page - Analog Devices

Part # AD684
Description  Four-Channel Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD684 Datasheet(HTML) 3 Page - Analog Devices

  AD684 Datasheet HTML 1Page - Analog Devices AD684 Datasheet HTML 2Page - Analog Devices AD684 Datasheet HTML 3Page - Analog Devices AD684 Datasheet HTML 4Page - Analog Devices AD684 Datasheet HTML 5Page - Analog Devices AD684 Datasheet HTML 6Page - Analog Devices AD684 Datasheet HTML 7Page - Analog Devices AD684 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD684
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS*
With
Spec
Respect to
Min
Max
Unit
VCC
Common
–0.3
+15
V
VEE
Common
–15
+0.3
V
Control Inputs
Common
–0.5
+7
V
Analog Inputs
Common
–12
+12
V
Output Short Circuit to
Ground, VCC or VEE
Indefinite
Max Junction
Temperature
+175
°C
Storage
–65
+150
°C
Lead Temperature
(10 sec max)
+300
°C
Power Dissipation
640
mW
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied.
PIN CONFIGURATION
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD684 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Package
Model
1
Temperature Range
Option
2
AD684JQ
0 to +70
°C
Q-16
AD684AQ
–40
°C to +85°C
Q-16
AD684SQ
–55
°C to +125°C
Q-16
NOTES
1For details on grade and package offerings screened in accordance
with MIL-STD-883, refer to the Analog Devices Military Prod-
ucts Databook or current AD684/883B data sheet.
2Q = Cerdip.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com