Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD684 Datasheet (PDF) - Analog Devices

AD684 Datasheet PDF - Analog Devices
Part # AD684
Download  AD684 Download
File Size   362.81 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel Sample-and-Hold Amplifier

AD684 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD684 Datasheet PDF - Analog Devices

Part # AD684
Download  AD684 Click to download

File Size   362.81 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel Sample-and-Hold Amplifier

AD684 Datasheet (HTML) - Analog Devices


AD684 Product details

PRODUCT DESCRIPTION
The AD684 is a monolithic quad sample-and-hold amplifier (SHA). It features four complete sampling channels, each controlled by an independent hold command. Each SHA is complete with an internal hold capacitor. The high accuracy SHA channels are self-contained and require no external components or adjustments. The AD684 is manufactured on a BiMOS process which provides a merger of high performance bipolar circuitry and low power CMOS logic.
   
FEATURES
    Four Matched Sample-and-Hold Amplifiers
    Independent Inputs, Outputs and Control Pins
    500 ns Hold Mode Settling
    1 ms Maximum Acquisition Time to 0.01%
    Low Droop Rate: 0.01 μV/ms
    Internal Hold Capacitors
    75 ps Maximum Aperture Jitter
    Low Power Dissipation: 430 mW
    0.3" Skinny DIP Package
    MIL-STD-883 Compliant Versions Available
   




Similar Part No. - AD684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD684 AD-AD684_15 Datasheet
265Kb / 8P
Four-Channel Sample-and-Hold Amplifier
REV. A
More results


Similar Description - AD684

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Maxim Integrated Produc...
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
Four-Channel Sample-and-Hold Amplifier
REV. A
AD684 AD-AD684_15 Datasheet
265Kb / 8P
Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com