Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7008AP20 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7008AP20
Description  CMOS DDS Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7008AP20 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7008AP20 Datasheet HTML 8Page - Analog Devices AD7008AP20 Datasheet HTML 9Page - Analog Devices AD7008AP20 Datasheet HTML 10Page - Analog Devices AD7008AP20 Datasheet HTML 11Page - Analog Devices AD7008AP20 Datasheet HTML 12Page - Analog Devices AD7008AP20 Datasheet HTML 13Page - Analog Devices AD7008AP20 Datasheet HTML 14Page - Analog Devices AD7008AP20 Datasheet HTML 15Page - Analog Devices AD7008AP20 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
START 0 Hz
RBW 3 kHz
VBW 10 kHz
STOP 10 000 000.0 Hz
ST 2.4 SEC
REF 5.0 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 1 680 000.0 Hz
–52.8 dB
Figure 23. fCLK = 20 MHz, fOUT = 6.1 MHz
CENTER 6 500 000.0 Hz
RBW 3 kHz
VBW 10 kHz
SPAN 10 000 000.0 Hz
ST 2.4 SEC
REF 4.3 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 500 000.0 Hz
–51.7 dB
Figure 24. fCLK = 20 MHz, fOUT = 6.5 MHz
VBW 10 kHz
STOP 16 000 000.0 Hz
ST 3.6 SEC
REF 4.3 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 6 304 000.0
Hz–56.3 dB
START 0 Hz
RBW 3 kHz
Figure 25. fCLK = 50 MHz, fOUT = 2.1 MHz
CENTER 16 000 000.0 Hz
RBW 3 kHz
REF 4.3 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 14 500 000.0 Hz
–52.4 dB
VBW 10 kHz
SPAN 25 000 000.0 Hz
ST 5.6 SEC
Figure 26. fCLK = 50 MHz, fOUT = 7.1 MHz
VBW 10 kHz
STOP 10 000 000.0 Hz
ST 2.4 SEC
REF 5.0 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET –1 280 000.0 Hz
–51.8 dB
START 0 Hz
RBW 3 kHz
Figure 27. fCLK = 20 MHz, fOUT = 7.1 MHz
VBW 10 kHz
STOP 25 000 000.0 Hz
ST 5.6 SEC
REF 4.3 dBm
10 dB/DIV
RANGE 5.0 dBm
START 0 Hz
RBW 3 kHz
OFFSET 15 300 000.0 Hz
–51.8 dB
Figure 28. fCLK = 50 MHz, fOUT = 5.1 MHz
Typical Performance Characteristics–AD7008
REV. B
–13–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com