Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7008AP20 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7008AP20
Description  CMOS DDS Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7008AP20 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7008AP20 Datasheet HTML 8Page - Analog Devices AD7008AP20 Datasheet HTML 9Page - Analog Devices AD7008AP20 Datasheet HTML 10Page - Analog Devices AD7008AP20 Datasheet HTML 11Page - Analog Devices AD7008AP20 Datasheet HTML 12Page - Analog Devices AD7008AP20 Datasheet HTML 13Page - Analog Devices AD7008AP20 Datasheet HTML 14Page - Analog Devices AD7008AP20 Datasheet HTML 15Page - Analog Devices AD7008AP20 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7008
REV. B
–15–
AD7008/PCB DDS EVALUATION BOARD
The AD7008/PCB DDS Evaluation Board allows designers to
evaluate the high performance AD7008 DDS Modulator with a
minimum amount of effort.
To prove this DDS will meet the user’s waveform synthesis re-
quirements, the only things needed are the AD7008/PCB DDS
Evaluation Board, +5 V power supply, an IBM-compatible PC,
and a spectrum analyzer. The evaluation setup is shown below.
The DDS evaluation kit includes a populated, tested AD7008/
PCB board; software which controls the AD7008 through the
parallel printer port in a DOS or Windows environment and an
AD7008P.
The AD7008 direct digital synthesis chip is a numerically
controlled oscillator employing a 32-bit phase accumulator, sine
and cosine look-up tables, and a l0-bit D/A converter integrated
on a single CMOS chip. Modulation capabilities are provided
for phase modulation, frequency modulation, and both in-phase
and quadrature amplitude modulation suitable for SSB
generation.
Clock rates up to 20 MHz and 50 MHz are supported. Fre-
quency accuracy can be controlled to one part in four billion.
+5V
SOFTWARE
PROVIDED
POWER
SUPPLY
INTERFACE
EXTERNAL
POWER
SUPPLY
STANDARD
PRINTER
CABLE
IBM-COMPATIBLE PC
AD7008
50MHz
CMOS DDS
INTERFACE
LOGIC
50
Ω CABLE
SPECTRUM ANALYZER
AD7008 DDS EVALUATION BOARD
OPTIONAL
TTL CLOCK
REFERENCE
GENERATOR
CLOCK
OSCILLATOR
Figure 35. AD7008 DDS Evaluation Board Setup
Table IV. AD7008/PCB Typical Electrical Characteristics
(Nominal power supplies, CLK = 50 MHz)
Typical
Characteristics
Value
Units
+5.0 V Supply Current
125
mA
AD7008 Output Voltage
0 to +1.0
V
(Terminated into 50
Ω Externally)
CMOS clock input HIGH
4.1 to 5
V
CMOS clock input LOW
0.0 to 0.5
V
USING THE AD7008/PCB DDS EVALUATION BOARD
The AD7008/PCB evaluation kit is a test system designed to
simplify the evaluation of the AD7008 50 MHz Direct Digital
Synthesizer. Provisions to control the AD7008 from the printer
port of an IBM-compatible PC are included, along with the
necessary software. This data sheet provides information on
operating the evaluation board; additional details are available
from the ADI technical assistance line 1-800-ANALOGD.
Prototyping Area
An area near one edge of the board is intentionally left void of
components to allow the user to add additional circuits to the
evaluation test set. Users may want to build custom analog fil-
ters for the outputs, or add buffers and operational amplifiers
used in the final applications.
XO vs. External Clock
The reference clock of the AD7008/PCB is normally provided
by a 50 MHz CMOS oscillator. This oscillator can be removed
and an external CMOS clock connected to CLOCK. If an ex-
ternal clock is used, a 50
Ω resistor R6 should be installed.
Power Supply
Power for the AD7008/PCB must be provided externally
through the pin connections, as described in the Inputs/Outputs.
The power leads should be twisted to reduce ground loops.
AD7008/PCB BILL OF MATERIAL
Quantity
Reference
Description
1
C1
Tag – Tant Cap, 10
µF, 35 V, 20%
8
C2–C9
Cer Chip Cap, 0.1
µF, Murata
Grm42
6
CLOCK, FSEL SMB – Submin Snap-on (Male)
IOUT, IOUTN
PCB MT Plug
SCLK, SDATA
1
FSADJ
RN55 – Res Met Film, 392
1
LK1
HDR SIP 3-Pin Male
1
Shunt 530153-2
1
P1
36-Pin D Conn Rt Ang Pcmt
Fem AMP
1
P2
PC Voltage Ter Blk w/Screws
Augat RDI
3
R1–R3
RN55 – Res Met Film, 10k
2
R4, R5
RN55 – Res Met Film, 49.9
1
RZ1
10P Bussed Res Ntwk, 10k
CSC10A01103G
1
RZ2
6P Bussed Res Ntwk, 4.7k
CSC06A01472G
1
U1
AD7008 JP50 CMOS DDS
Modulator
1
U2
74HC74 – Dual D-type Pos-Ed-
Trigd Flip-Flop
1VREF
Pin Terminal, Testpoint
1
XTAL
OSC XTAL, Fox F1100H
50 MHz
1
Socket, Methode 213-044-501
4
Support, Nylon
1
PCB, 48295(-)
26
Pin Sockets, Closed End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com