Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7010 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7010
Description  CMOS JDC p/4 DQPSK Baseband Transmit Port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7010 Datasheet(HTML) 2 Page - Analog Devices

  AD7010 Datasheet HTML 1Page - Analog Devices AD7010 Datasheet HTML 2Page - Analog Devices AD7010 Datasheet HTML 3Page - Analog Devices AD7010 Datasheet HTML 4Page - Analog Devices AD7010 Datasheet HTML 5Page - Analog Devices AD7010 Datasheet HTML 6Page - Analog Devices AD7010 Datasheet HTML 7Page - Analog Devices AD7010 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD7010–SPECIFICATIONS1 (VAA = VDD = +5 V 10%; Test = AGND = DGND = 0 V; fMCLK = 2.688 MHz;
Power = VDD. All specifications are TMIN to TMAX unless otherwise noted.)
Parameter
AD7010ARS
Units
Test Conditions/Comments
DIGITAL MODE TRANSMIT
No. of Channels
2
(ITx–ITx) and (QTx–QTx)
Output Signal Range
VREF ± VREF/4
Volts
For Each Analog Output
Differential Output Range
±V
REF/2
Volts
I Channel = (ITx–ITx)
and Q Channel = (QTx–QTx)
Signal Vector Magnitude
2
0.875
± 7.5%
Volts max
Measured Differentially
Error Vector Magnitude
2
1
% rms typ
2.5
% rms max
Offset Vector Magnitude
2
0.5
% typ
2.5
% max
JDC Spurious Power
2, 3
@ 25 kHz
–30
dB typ
–25
dB max
@ 50 kHz
–60
dB typ
–55
dB max
@ 75 kHz
–70
dB typ
–65
dB max
@ 100 kHz, 150 kHz, 200 kHz
–70
dB typ
–65
dB max
REFERENCE & CHANNEL SPECIFICATIONS
Reference, VREF
2.46
Volts
Reference Accuracy
±5%
I and Q Gain Matching
±0.2
dB max
Measured @ 10 kHz
Power Down Option
Yes
Power = 0 V
LOGIC INPUTS
VINH, Input High Voltage
VDD–0.9
V min
VINL, Input Low Voltage
0.9
V max
IINH, Input Current
10
µA max
CIN, Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD–0.4
V min
|IOUT|
≤ 40 µA
VOL, Output Low Voltage
0.4
V max
|IOUT| ≤ 1.6 mA
POWER SUPPLIES
VDD
4.5/5.5
V min/V max
IDD
Transmit Section Active
8
mA max
Power = VDD
6
mA typ
Transmit Section Powered Down
4
35
µA max
MCLK Active
5
µA max
MCLK Inactive
NOTES
1Operating temperature ranges as follows: A Version: –40
°C to +85°C.
2See Terminology.
3Measured in continuous transmission and Burst transmission with the I and Q channels ramping up and down at the beginning and end of each burst.
4Measured while the digital inputs to the transmit interface are static and equal to 0 V or V
DD.
Specifications subject to change without notice.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7010ARS
–40
°C to +85°C
Shrink Small Outline Package
RS-24



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com