Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7010 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7010
Description  CMOS JDC p/4 DQPSK Baseband Transmit Port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7010 Datasheet(HTML) 1 Page - Analog Devices

  AD7010 Datasheet HTML 1Page - Analog Devices AD7010 Datasheet HTML 2Page - Analog Devices AD7010 Datasheet HTML 3Page - Analog Devices AD7010 Datasheet HTML 4Page - Analog Devices AD7010 Datasheet HTML 5Page - Analog Devices AD7010 Datasheet HTML 6Page - Analog Devices AD7010 Datasheet HTML 7Page - Analog Devices AD7010 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
CMOS
JDC /4 DQPSK Baseband Transmit Port
AD7010
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
GENERAL DESCRIPTION
The AD7010 is a complete low power, CMOS,
π/4 DQPSK
modulator with single +5 V power supply. The part is designed
to perform the baseband conversion of I and Q transmit
waveforms in accordance with the Japanese Digital Cellular
Telephone system.
The on-chip
π/4 Differential Quadrature Phase Shift Keying
(DQPSK) digital modulator, which includes the Root Raised
Cosine filters, generates I and Q data in response to the transmit
data stream. The AD7010 also contains ramp control envelope
logic to shape the I and Q output waveforms when ramping up
or down at the beginning or end of a transmit burst.
Besides providing all the necessary logic to perform
π/4 DQPSK
modulation, the part also provides reconstruction filters to
smooth the DAC outputs, providing continuous time analog
outputs. The AD7010 generates differential analog outputs for
both the I and Q signals.
As it is a necessity for all digital mobile systems to use the lowest
possible power, the device has power down options. The
AD7010 is housed in a space efficient 24-pin SSOP (Shrink
Small Outline Package).
FEATURES
Single +5 V Supply
On-Chip
/4 DQPSK Modulator
Root-Raised-Cosine Tx Filters,
= 0.5
Two 10-Bit D/A Converters
4th Order Reconstruction Filters
Differential Analog Outputs
On-Chip Ramp Up/Down Power Control
On-Chip Tx Offset Calibration
Very Low Power Dissipation, 30 mW typ
Power Down Mode < 5
A
On-Chip Voltage Reference
24-Pin SSOP
APPLICATIONS
Japanese Digital Cellular Telephony
FUNCTIONAL BLOCK DIAGRAM
Tx CLK
BOUT
QTx
V
AA
MODE1
AD7010
10-BIT
I-DAC
2.46V
REFERENCE
POWER
CALIBRATION CIRCUITRY
π/4 DQPSK
MODULATOR
10-BIT
Q-DAC
Tx DATA
DGND
V
DD
MODE2
AGND
BYPASS
BIN
MCLK
READY
RECONSTRUCTION
FILTERS
RECONSTRUCTION
FILTERS
ITx
ITx
QTx


Similar Part No. - AD7010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7010 AD-AD7010_15 Datasheet
170Kb / 8P
CMOS JDC 4 DQPSK Baseband Transmit Port
REV. B
More results

Similar Description - AD7010

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
CMOS-CCD Baseband 1H Delay Line
logo
Analog Devices
AD7001 AD-AD7001 Datasheet
619Kb / 16P
LC2MOS GSM Baseband I/O Port
AD7002 AD-AD7002 Datasheet
455Kb / 16P
LC2MOS GSM Baseband I/O Port
REV.B
AD7011 AD-AD7011 Datasheet
389Kb / 12P
CMOS, ADC p/4 DQPSK Baseband Transmit Port
REV.B
AD7013 AD-AD7013 Datasheet
591Kb / 20P
CMOS TIA IS-54 Baseband Receive Port
REV.A
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
CMOS PCM Transmit/receive Filters
logo
Analog Devices
AD7010 AD-AD7010_15 Datasheet
170Kb / 8P
CMOS JDC 4 DQPSK Baseband Transmit Port
REV. B
AD7013 AD-AD7013_15 Datasheet
456Kb / 20P
CMOS TIA IS-54 Baseband Receive Port
REV. A
AD7011 AD-AD7011_15 Datasheet
393Kb / 12P
CMOS, ADC 4 DQPSK Baseband Transmit Port
REV. B
logo
Skyworks Solutions Inc.
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com