Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7008PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD7008PCB
Description  CMOS DDS Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7008PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7008PCB Datasheet HTML 8Page - Analog Devices AD7008PCB Datasheet HTML 9Page - Analog Devices AD7008PCB Datasheet HTML 10Page - Analog Devices AD7008PCB Datasheet HTML 11Page - Analog Devices AD7008PCB Datasheet HTML 12Page - Analog Devices AD7008PCB Datasheet HTML 13Page - Analog Devices AD7008PCB Datasheet HTML 14Page - Analog Devices AD7008PCB Datasheet HTML 15Page - Analog Devices AD7008PCB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
START 0 Hz
RBW 3 kHz
VBW 10 kHz
STOP 25 000 000.0 Hz
ST 5.6 SEC
REF 5.0 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 4 500 000.0 Hz
–54.7 dB
Figure 29. fCLK = 50 MHz, fOUT = 9.1 MHz
START 0 Hz
RBW 3 kHz
VBW 10 kHz
STOP 25 000 000.0 Hz
ST 5.6 SEC
REF 5.0 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 11 100 000.0 Hz
–54.1 dB
CENTER 13 100 000.0 Hz
RBW 3 kHz
VBW 10 kHz
SPAN 25 000 000.0 Hz
ST 5.6 SEC
REF 5.0 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 10 675 000.0 Hz
–47.0 dB
Figure 31. fCLK = 50 MHz, fOUT = 13.1 MHz
Figure 30. fCLK = 50 MHz, fOUT = 11.1 MHz
CENTER 16 500 000.0 Hz
RBW 3 kHz
VBW 10 kHz
SPAN 25 000 000.0 Hz
ST 5.6 SEC
REF 5.0 dBm
10 dB/DIV
RANGE 5.0 dBm
OFFSET 500 000.0 Hz
–44.8 dB
130
50
50
70
60
10
0
90
80
100
110
120
40
30
20
MASTER CLOCK – MHz
Figure 32. fCLK = 50 MHz, fOUT = 16.5 MHz
Figure 33. Typical Current Consumption vs. Frequency
Figure 34. Typical Plot of SFDR vs. Master Clock Frequency
When fOUT = 1/3fCLK, Frequency Word = 5671C71C Hex
–40
–75
50
–60
–70
10
–65
0
–45
–55
–50
40
30
20
MASTER CLOCK – MHz
REV. B
–14–
AD7008–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com