Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7008PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD7008PCB
Description  CMOS DDS Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7008PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7008PCB Datasheet HTML 8Page - Analog Devices AD7008PCB Datasheet HTML 9Page - Analog Devices AD7008PCB Datasheet HTML 10Page - Analog Devices AD7008PCB Datasheet HTML 11Page - Analog Devices AD7008PCB Datasheet HTML 12Page - Analog Devices AD7008PCB Datasheet HTML 13Page - Analog Devices AD7008PCB Datasheet HTML 14Page - Analog Devices AD7008PCB Datasheet HTML 15Page - Analog Devices AD7008PCB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. B
–16–
AD7008
A 3.5" floppy disk containing software to control the AD7008 is
provided with the AD7008/PCB. This software was developed
using C. The C source code is provided in a file named
A:\AD7008.C, which the user may view, run, or modify.
An executable version of this software is also provided, and can
be executed from DOS by typing “A:\AD7008.” The software
prompts the user to provide the necessary information needed
by the program. Additional information is included in a test file
named A:\readme.txt.
A windows 3.1 executable called WIN7008 is also included.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Pin PLCC (P-44A)
6
PIN 1
IDENTIFIER
7
40
39
17
18
29
28
TOP VIEW
(PINS DOWN)
0.695 (17.65)
0.685 (17.40)
SQ
0.656 (16.66)
0.650 (16.51)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
0.020
(0.50)
R
0.021 (0.53)
0.013 (0.33)
0.050
(1.27)
BSC
0.63 (16.00)
0.59 (14.99)
0.032 (0.81)
0.026 (0.66)
0.180 (4.57)
0.165 (4.19)
0.040 (1.01)
0.025 (0.64)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.110 (2.79)
0.085 (2.16)
INPUTS/OUTPUTS
Name
Description
P1
36-pin edge connector to connect to parallel
port of PC.
CLOCK
CMOS input for clock R6 provides termination.
FSEL
CMOS input to select between Freq 0 and Freq 1.
Low selects Freq 0.
SDATA
CMOS input for serial input pin.
SCLK
CMOS input for clocking in SDATA.
IOUT
Analog output.
IOUTN
Complementary analog output.
VREF
Test point for VREF pin.
P2
+5 V and ground power connection.
LK1
External sleep command input.
Figure 36.
Controlling the AD7008/PCB
The AD7008/PCB is designed to allow control (frequency
specification, reset, etc.) through the parallel printer port of a
standard IBM-compatible PC. The user simply disconnects the
printer cable from the printer and inserts it into edge connector
P1 of the evaluation board.
The printer port provides information to the AD7008/PCB
through eight data lines and four control lines. Control signals
are latched on the AD7008/PCB to prevent problems with long
printer cables.
V
CC
OUT
+5V
14
7
XTAL1
8
C9
0.1µF
V
EE
PR
Q
Q
CL
C
D
>
PR
Q
Q
CL
C
D
>
LATCH
LOAD
2
3
4
5
6
8
9
10
11
12
13
1
LLOAD
WR
+5V
+5V
+5V
+5V
U2
74HC74
U2
74HC74
LWR
C36DRPF
P1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
LATCH
D0
D1
D2
D3
D4
D5
D7
D6
RESET
LOAD
WR
2
3
4
5
6
7
8
9
10
D0
D1
D2
D3
D4
D5
D7
D6
10k
10PB+5
RZ1
2
3
4
5
6
LATCH
RESET
LOAD
WR
4.7k
6PB+5
RZ2
U1
DUT7008P
6
5
2
1
4
3
17
28
39
44
7
18
29
43
40
V
REF
COMP
FSADJUST
19
20
21
22
23
24
25
26
8
9
10
11
12
13
14
15
16
27
32
33
34
35
36
41
42
31
30
38
37
D0
D1
D2
D3
D4
D5
D7
D6
RESET
1
2
3
H3M
LK1
+5V
GND
+5V
+5VD
1
2
P2
PCTB2
D8
D9
D10
D11
D12
D13
D15
D14
R1
10k
SMB
SCLK
R2
10k
R3
10k
SMB
FSELECT
R6
50
OPTIONAL
WR
CS
TC0
TC2
TC1
TC3
LOAD
SCLK
SDATA
FSELECT
CLK
SLEEP
D0
D1
D2
D3
LLOAD
RESET
DGND
DGND
DGND
DGND
AGND
TEST
+5V
+5V
+5V
+5V
C7
0.1µF
+5V
R4
50
SMB
I
OUT
FSADJ
390
L
WR
SMB
SDATA
SMB
CLK
I
OUT
IOUT
V
REF
SMB
I
OUT
R5
50
C6
0.1µF
C2
0.1µF
C3
0.1µF
C4
0.1µF
C5
0.1µF
C1
10µF
C8
0.1µF
D0
D1
D2
D3
D4
D5
D7
D6
V
AA
V
DD
V
DD
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com