Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD706 Datasheet(PDF) 2 Page - Analog Devices

Part # AD706
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706 Datasheet(HTML) 2 Page - Analog Devices

  AD706 Datasheet HTML 1Page - Analog Devices AD706 Datasheet HTML 2Page - Analog Devices AD706 Datasheet HTML 3Page - Analog Devices AD706 Datasheet HTML 4Page - Analog Devices AD706 Datasheet HTML 5Page - Analog Devices AD706 Datasheet HTML 6Page - Analog Devices AD706 Datasheet HTML 7Page - Analog Devices AD706 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD706–SPECIFICATIONS
AD706J/A
AD706K/B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
Initial Offset
30
100
10
50
µV
Offset
TMIN to TMAX
40
150
25
100
µV
vs. Temp, Average TC
0.2
1.5
0.2
0.6
µV/°C
vs. Supply (PSRR)
VS = ± 2 V to ± 18 V
110
132
112
132
dB
TMIN to TMAX
VS = ± 2.5 V to ± 18 V
106
126
108
126
dB
Long Term Stability
0.3
0.3
µV/Month
INPUT BIAS CURRENT
1
VCM = 0 V
50
200
30
110
pA
VCM = ± 13.5 V
250
160
pA
vs. Temp, Average TC
0.3
0.2
pA/
°C
TMIN to TMAX
VCM = 0 V
300
200
pA
TMIN to TMAX
VCM = ± 13.5 V
400
300
pA
INPUT OFFSET CURRENT
VCM = 0 V
30
150
30
100
pA
VCM = ± 13.5 V
250
200
pA
vs. Temp, Average TC
0.6
0.4
pA/
°C
TMIN to TMAX
VCM = 0 V
80
250
80
200
pA
TMIN to TMAX
VCM = ± 13.5 V
80
350
80
300
pA
MATCHING CHARACTERISTICS
Offset Voltage
150
75
µV
TMIN to TMAX
250
150
µV
Input Bias Current2
300
150
pA
TMIN to TMAX
500
250
pA
Common-Mode Rejection
106
110
dB
TMIN to TMAX
106
108
dB
Power Supply Rejection
106
110
dB
TMIN to TMAX
104
106
dB
Crosstalk
@ f = 10 Hz
(Figure 19a)
RL = 2 kΩ
150
150
dB
FREQUENCY RESPONSE
Unity Gain Crossover
Frequency
0.8
0.8
MHz
Slew Rate
G = –1
0.15
0.15
V/
µs
TMIN to TMAX
0.15
0.15
V/
µs
INPUT IMPEDANCE
Differential
40 2
40 2M
Ω pF
Common Mode
300 2
300 2G
Ω pF
INPUT VOLTAGE RANGE
Common-Mode Voltage
±13.5
±14
±13.5
±14
V
Common-Mode Rejection
Ratio
VCM = ± 13.5 V
110
132
114
132
dB
TMIN to TMAX
108
128
108
128
dB
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
3
3
pA p-p
f = 10 Hz
50
50
fA/
√Hz
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.5
0.5
1.0
µV p-p
f = 10 Hz
17
17
nV/
√Hz
f = 1 kHz
15
22
15
22
nV/
√Hz
OPEN-LOOP GAIN
VO = ± 12 V
RLOAD = 10 kΩ
200
2000
400
2000
V/mV
TMIN to TMAX
150
1500
300
1500
V/mV
VO = ± 10 V
RLOAD = 2 kΩ
200
1000
300
1000
V/mV
TMIN to TMAX
150
1000
200
1000
V/mV
OUTPUT CHARACTERISTICS
Voltage Swing
RLOAD = 10 kΩ± 13
±14
±13
±14
V
TMIN to TMAX
±13
±14
±13
±14
V
Current
Short Circuit
±15
±15
mA
Capacitive Load
Drive Capability
Gain = +1
10,000
10,000
pF
(@ TA = +25 C, VCM = 0 V and
15 V dc, unless otherwise noted)
REV. C
–2–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com