Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD706 Datasheet(PDF) 3 Page - Analog Devices

Part # AD706
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706 Datasheet(HTML) 3 Page - Analog Devices

  AD706 Datasheet HTML 1Page - Analog Devices AD706 Datasheet HTML 2Page - Analog Devices AD706 Datasheet HTML 3Page - Analog Devices AD706 Datasheet HTML 4Page - Analog Devices AD706 Datasheet HTML 5Page - Analog Devices AD706 Datasheet HTML 6Page - Analog Devices AD706 Datasheet HTML 7Page - Analog Devices AD706 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD706J/A
AD706K/B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
Rated Performance
±15
±15
V
Operating Range
±2.0
±18
±2.0
±18
V
Quiescent Current, Total
0.75
1.2
0.75
1.2
mA
TMIN to TMAX
0.8
1.4
0.8
1.4
mA
TRANSISTOR COUNT
# of Transistors
90
90
NOTES
lBias current specifications are guaranteed maximum at either input.
2Input bias current match is the difference between corresponding inputs (I
B of –IN of Amplifier #1 minus IB of –IN of Amplifier #2).
CMRR match is the difference between
∆V
OS #1
∆V
CM
for amplifier #1 and
∆V
OS # 2
∆V
CM
for amplifier #2 expressed in dB.
PSRR match is the difference between
∆V
OS # 1
∆V
SUPPLY
for amplifier #l and
∆V
OS # 2
∆V
SUPPLY
for amplifier #2 expressed in dB.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
AD706
ABSOLUTE MAXIMUM RATINGS
l
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
(Total: Both Amplifiers)
2 . . . . . . . . . . . . . . . . . . . . 650 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage3 . . . . . . . . . . . . . . . . . . . . +0.7 Volts
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD706J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD706A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering 10 secs) . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic Package:
θ
JA = 100°C/Watt
8-Lead Cerdip Package:
θ
JA = 110°C/Watt
8-Lead Small Outline Package:
θ
JA = 155°C/Watt
3The input pins of this amplifier are protected by back-to-back diodes. If the
differential voltage exceeds
± 0.7 volts, external series protection resistors should
be added to limit the input current to less than 25 mA.
ORDERING GUIDE
Temperature
Package
Model
Range
Description
Option*
AD706AN
– 40
°C to +85°C Plastic DIP
N-8
AD706JN
0
°C to +70°C
Plastic DIP
N-8
AD706KN
0
°C to +70°C
Plastic DIP
N-8
AD706JR
0
°C to +70°C
SOIC
R-8
AD706JR-REEL
0
°C to +70°C
Tape and Reel
AD706AQ
– 40
°C to +85°C Cerdip
Q-8
AD706BQ
– 40
°C to +85°C Cerdip
Q-8
AD706AR
– 40
°C to +85°C SOIC
R-8
AD706AR-REEL – 40
°C to +85°C Tape and Reel
*N = Plastic DIP; Q = Cerdip, R = Small Outline Package.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD706 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
REV. C
–3–
2
1
3
4
5
6
7
8
OUTPUT A
–INPUT A
+INPUT A
–VS
0.074 (1.88)
OUTPUT B
–INPUT B
+INPUT B
+VS
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com