Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD707 Datasheet(PDF) 2 Page - Analog Devices

Part # AD707
Description  Ultralow Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD707 Datasheet(HTML) 2 Page - Analog Devices

  AD707 Datasheet HTML 1Page - Analog Devices AD707 Datasheet HTML 2Page - Analog Devices AD707 Datasheet HTML 3Page - Analog Devices AD707 Datasheet HTML 4Page - Analog Devices AD707 Datasheet HTML 5Page - Analog Devices AD707 Datasheet HTML 6Page - Analog Devices AD707 Datasheet HTML 7Page - Analog Devices AD707 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD707–SPECIFICATIONS
REV. B
–2–
(@ +25 C and
15 V, unless otherwise noted)
AD707J/A
AD707K/B
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
Initial
30
90
10
25
µV
vs. Temperature
0.3
1.0
0.1
0.3
µV/°C
TMIN to TMAX
50
100
15
45
µV
Long-Term Stability
0.3
0.3
µV/month
Adjustment Range
R2 = 20 k
Ω (Figure 19)
±4
±4mV
INPUT BIAS CURRENT
1.0
2.5
0.5
2.0
nA
TMIN to TMAX
2.0
4.0
1.5
4.0
nA
Average Drift
15
40
15
40/40/40
pA/
°C
OFFSET CURRENT
VCM = 0 V
0.5
2.0
0.3
1.5
nA
TMIN to TMAX
2.0
4.0
1.0
2.0
nA
Average Drift
2
40
1
25/25/35
pA/
°C
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.23
0.6
0.23
0.6
µV p-p
f = 10 Hz
10.3
28
10.3
18
nV/
√Hz
f = 100 Hz
10.0
13.0
10.0
12
nV/
√Hz
f = 1 kHz
9.6
11.0
9.6
11.0
nV/
√Hz
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
14
35
14
30
pA p-p
f = 10 Hz
0.32
0.9
0.32
0.8
pA/
√Hz
f = 100 Hz
0.14
0.27
0.14
0.23
pA/
√Hz
f = 1 kHz
0.12
0.18
0.12
0.17
pA/
√Hz
COMMON-MODE
REJECTION RATIO
VCM =
±13 V
120
140
130
140
dB
TMIN to TMAX
120
140
120
140
dB
OPEN-LOOP GAIN
VO =
±10 V
RLOAD
≥ 2 kΩ
3
13
5
13
V/
µV
TMIN to TMAX
3
13
3
13
V/
µV
POWER SUPPLY
REJECTION RATIO
VS = ± 3 V to ± 18 V
110
130
115
130
dB
TMIN to TMAX
110
130
110
130
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
0.4
0.9
0.4
0.9
MHz
Slew Rate
0.12
0.3
0.12
0.3
V/
µs
INPUT RESISTANCE
Differential
24
100
45
200
M
Ω
Common Mode
200
300
G
Ω
OUTPUT CHARACTERISTICS
Voltage
RLOAD ≥ 10 kΩ
13.5
14
13.5
14
±V
RLOAD ≥ 2 kΩ
12.5
13.0
12.5
13.0
±V
RLOAD ≥ 1 kΩ
12.0
12.5
12.0
12.5
±V
RLOAD ≥ 2 kΩ
TMIN to TMAX
12.0
13.0
12.0
13.0
±V
OPEN-LOOP OUTPUT
RESISTANCE
60
60
Ω
POWER SUPPLY
Current, Quiescent
2.5
3
2.5
3
mA
Power Consumption, No Load
VS =
±15 V
75
90
75
90
mW
VS =
±3 V
7.5
9.0
7.5
9.0
mW
NOTES
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to
calculate outgoing quality levels.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com