Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD707 Datasheet(PDF) 4 Page - Analog Devices

Part # AD707
Description  Ultralow Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD707 Datasheet(HTML) 4 Page - Analog Devices

  AD707 Datasheet HTML 1Page - Analog Devices AD707 Datasheet HTML 2Page - Analog Devices AD707 Datasheet HTML 3Page - Analog Devices AD707 Datasheet HTML 4Page - Analog Devices AD707 Datasheet HTML 5Page - Analog Devices AD707 Datasheet HTML 6Page - Analog Devices AD707 Datasheet HTML 7Page - Analog Devices AD707 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD707–Typical Characteristics
REV. B
–4–
SUPPLY VOLTAGE –
±V
+VS
–1.5
–VS
025
510
15
20
–0.5
–1.0
+1.5
+0.5
+1.0
+ VOUT
– VOUT
RL = 2kΩ
@ +25
°C
Figure 2. Output Voltage Swing
vs. Supply Voltage
OFFSET VOLTAGE DRIFT – µV/
°C
100
70
20
–0.4 –0.3
0.4
–0.2 –0.1
0
0.1
0.2
0.3
90
80
50
30
60
40
10
0
256 UNITS
TESTED
– 55
°C TO +125°C
Figure 5. Typical Distribution of
Offset Voltage Drift
FREQUENCY – Hz
45
40
0
0.01
0.1
100
110
35
30
25
20
15
10
5
I/F CORNER
0.7Hz
Figure 8. Input Noise Spectral
Density
LOAD RESISTANCE –
Ω
35
15
0
10
100
10k
1k
10
25
20
30
5
± 15V SUPPLIES
Figure 3. Output Voltage Swing
vs. Load Resistance
FREQUENCY – Hz
100
0.0001
0.1
100k
1
10
100
1k
10k
10
1
0.1
0.001
0.01
IO = 1mA
AV = +1000
AV = +1
Figure 6. Output Impedance vs.
Frequency
10
0%
100
90
TIME – 1sec/Div
Figure 9. 0.1 Hz to 10 Hz Voltage
Noise
SUPPLY VOLTAGE –
±V
+VS
–1.5
–0.5
–1.0
–VS
+1.5
+0.5
+1.0
025
510
15
20
+V
–V
Figure 1. Input Common-Mode
Range vs. Supply Voltage
TIME AFTER POWER ON – Minutes
4
0
04
123
3
2
1
DUAL-IN-LINE PACKAGE
PLASTIC (N) or CERDIP (Q)
METAL CAN (H) PACKAGE
Figure 4. Offset Voltage Warm-Up
Drift
DIFFERENTIAL VOLTAGE –
±V
40
30
0
0
1
100
10
20
10
Figure 7. Input Current vs.
Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com