Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD712 Datasheet(PDF) 2 Page - Analog Devices

Part # AD712
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 2 Page - Analog Devices

  AD712 Datasheet HTML 1Page - Analog Devices AD712 Datasheet HTML 2Page - Analog Devices AD712 Datasheet HTML 3Page - Analog Devices AD712 Datasheet HTML 4Page - Analog Devices AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AD712J/A/S
AD712K/B/T
AD712C
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
Initial Offset
0.3
3/1/1
0.2
1.0/0.7/0.7
0.1
0.3
mV
TMIN to TMAX
4/2/2
2.0/1.5/1.5
0.6
mV
vs. Temp
7
20/20/20
7
10
3
5
µV/°C
vs. Supply
76
95
80
100
86
110
dB
TMIN to TMAX
76/76/76
80
86
dB
Long-Term Offset Stability
15
15
15
µV/Month
INPUT BIAS CURRENT
2
VCM = 0 V
25
75
20
75
20
50
pA
VCM = 0 V @ TMAX
0.6/1.6/26
1.7/4.8/77
0.5/1.3/20
1.7/4.8/77
1.3
3.2
nA
VCM = ± 10 V
100
100
75
pA
INPUT OFFSET CURRENT
VCM = 0 V
10
25
5
25
5
10
pA
VCM = 0 V @ TMAX
0.3/0.7/11
0.6/1.6/26
0.1/0.3/5
0.6/1.6/26
0.3
0.7
nA
MATCHING CHARACTERISTICS
Input Offset Voltage
3/1/1
1.0/0.7/0.7
0.3
mV
TMIN to TMAX
4/2/2
2.0/1.5/1.5
0.6
mV
Input Offset Voltage Drift
20/20/20
10
5
µV/°C
Input Bias Current
25
25
10
pA
Crosstalk @ f = 1 kHz
120
120
120
dB
@ f = 100 kHz
90
90
90
dB
FREQUENCY RESPONSE
Small Signal Bandwidth
3.0
4.0
3.4
4.0
3.4
4.0
MHz
Full Power Response
200
200
200
kHz
Slew Rate
16
20
18
20
18
20
V/
µs
Settling Time to 0.01%
1.0
1.2
1.0
1.2
1.0
1.2
µs
Total Harmonic Distortion
0.0003
0.0003
0.0003
%
INPUT IMPEDANCE
Differential
3
× 1012 5.5
3
× 1012 5.5
3
× 1012 5.5
Ω pF
Common Mode
3
× 1012 5.5
3
× 1012 5.5
3
× 1012 5.5
Ω pF
INPUT VOLTAGE RANGE
Differential
3
±20
±20
±20
V
Common-Mode Voltage
4
+14.5, –11.5
+14.5, –11.5
+14.5, –11.5
TMIN to TMAX
–VS + 4
+VS – 2
–VS + 4
+VS – 2
–VS + 4
+VS – 2 V
Common-Mode
Rejection Ratio
VCM = ± 10 V
76
88
80
88
86
94
dB
TMIN to TMAX
76/76/76
84
80
84
86
90
dB
VCM = ± 11 V
70
84
76
84
76
90
dB
TMIN to TMAX
70/70/70
80
74
80
74
84
dB
INPUT VOLTAGE NOISE
2
2
2
µV p-p
45
45
45
nV/
√Hz
22
22
22
nV/
√Hz
18
18
18
nV/
√Hz
16
16
16
nV/
√Hz
INPUT CURRENT NOISE
0.01
0.01
0.01
pA/
√Hz
OPEN-LOOP GAIN
150
400
200
400
200
400
V/mV
100/100/100
100
100
V/mV
OUTPUT CHARACTERISTICS
Voltage
+13, –12.5
+13.9, –13.3
+13, –12.5 +13.9, –13.3
+13, –12.5 +13.9, –13.3
V
±12/±12/ 12 +13.8, –13.1
12
+13.8, –13.1
12
+13.8, –13.1
V
Current
25
25
25
mA
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
4.5
18
4.5
18
4.5
18
V
Quiescent Current
5.0
6.8
5.0
6.0
5.0
5.6
mA
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = +25°C.
For higher temperatures, the current doubles every 10
°C.
3Defined as voltage between inputs, such that neither exceeds
±10 V from ground.
4Typically exceeding –14.1 V negative common-mode voltage on either input results in an output phase reversal.
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max
specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
AD712–SPECIFICATIONS
REV. B
–2–
(VS =
15 V @ TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com