Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD712 Datasheet(PDF) 3 Page - Analog Devices

Part # AD712
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 3 Page - Analog Devices

  AD712 Datasheet HTML 1Page - Analog Devices AD712 Datasheet HTML 2Page - Analog Devices AD712 Datasheet HTML 3Page - Analog Devices AD712 Datasheet HTML 4Page - Analog Devices AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AD712
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Input Voltage
3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD712J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD712A/B/C . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD712S/T . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal Characteristics:
8-Lead Plastic Package:
θ
JA = 165°C/Watt
8-Lead Cerdip Package:
θ
JC = 22°C/Watt; θJA = 110°C/Watt
8-Lead Metal Can Package:
θ
JC = 65°C/Watt; θJA = 150°C/Watt
8-Lead SOIC Package:
θ
JA = 100°C
3For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD712ACHIPS
–40
°C to +85°C
Bare Die
AD712AH
–40
°C to +85°C
8-Lead Metal Can
H-08A
AD712AQ
–40
°C to +85°C
8-Lead Ceramic DIP
Q-8
AD712BH
–40
°C to +85°C
8-Lead Metal Can
H-08A
AD712BQ
–40
°C to +85°C
8-Lead Ceramic DIP
Q-8
AD712CH
–40
°C to +85°C
8-Lead Metal Can
H-08A
AD712CN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD712JN
0
°C to +70°C
8-Lead Plastic DIP
N-8
AD712JR
0
°C to +70°C
8-Lead Plastic SOIC
R-8
AD712JR-REEL
0
°C to +70°C
8-Lead Plastic SOIC
R-8
AD712JR-REEL7
0
°C to +70°C
8-Lead Plastic SOIC
R-8
AD712KN
0
°C to +70°C
8-Lead Plastic DIP
N-8
AD712KR
0
°C to +70°C
8-Lead Plastic SOIC
R-8
AD712KR-REEL
0
°C to +70°C
8-Lead Plastic SOIC
R-8
AD712KR-REEL7
0
°C to +70°C
8-Lead Plastic SOIC
R-8
AD712SCHIPS
–55
°C to +125°C Bare Die
AD712SQ
–55
°C to +125°C 8-Lead Ceramic DIP
Q-8
AD712SQ/883B
–55
°C to +125°C 8-Lead Ceramic DIP
Q-8
AD712TQ
–55
°C to +125°C 8-Lead Ceramic DIP
Q-8
AD712TQ/883B
–55
°C to +125°C 8-Lead Ceramic DIP
Q-8
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com