Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7724 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRP7724
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7724 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRP7724 Datasheet HTML 17Page - Exar Corporation XRP7724 Datasheet HTML 18Page - Exar Corporation XRP7724 Datasheet HTML 19Page - Exar Corporation XRP7724 Datasheet HTML 20Page - Exar Corporation XRP7724 Datasheet HTML 21Page - Exar Corporation XRP7724 Datasheet HTML 22Page - Exar Corporation XRP7724 Datasheet HTML 23Page - Exar Corporation XRP7724 Datasheet HTML 24Page - Exar Corporation XRP7724 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
21/29
Rev. 1.0.1
specified
way
if
the
current
level
surpasses threshold level.
 Start-up Time-out Fault monitors if a
channel gets into regulation in a user
defined time period
 LDO5 Over Current Protection (LDO5
OCP) monitor current drawn from the
regulator and will cause the controller to
be reset if the current exceeds LDO5 limit
(155mA typical)
 LDO3.3
Over
Current
Protection
(LDO3.3 OCP) monitors current drawn
from the regulator and will cause the
controller to shut down the regulator if the
current exceeds LDO3.3 current limit
(65mA typical)
UVLO
Both UVLO warning and fault levels are user
programmable and set at 200mV increments
in PA5.
When the warning level is reached the
controller
will
generate
the
UVLO_WARNING_EVENT
interrupt.
In
addition, the host can be informed about the
event through HW Flags on GPIO0 (see the
Digital I/O section).
When an under voltage fault condition occurs,
the XRP7724 outputs are shutdown and the
UVLO_FAULT_ACTIVE_EVENT
interrupt
is
generated. In addition, the host can be
informed by forwarding the Low Vcc signal to
any GPIO/PSIO (see the Digital I/O section).
This signal transitions when the UVLO fault
occurs. When coming out of the fault, rising
Vcc crossing the UVLO fault level will trigger
the UVLO_FAULT_INACTIVE_EVENT interrupt.
Once UVLO condition clears (Vcc voltage rises
Above or TO the user defined UVLO warning
level), the Low Vcc signal will transition and
the controller will be reset.
A special attention needs to be paid in the
case when Vcc = LDO5 = 4.75V to 5.5V.
Since the input voltage ADC resolution is
200mV, the UVLO warning and fault set
points are coarse for a 5V input. Therefore,
setting the warning level at 4.8V and the fault
level at 4.6V may result in the outputs not re-
enable until a full 5.0V is reached on Vcc.
Setting the warning level to 4.6v and the fault
level at 4.4V would likely make UVLO handing
as desired, however, below 4.6V the device
has a hardware UVLO on LDO5 to ensure
proper shutdown of the internal circuitry of
the controller. This means the 4.4V UVLO
fault level will never occur. A special test has
been added to ensure that if UVLO FAULT will
OTP
User defined OTP warning, fault and restart
levels are set at 5°C increments in PA5.
When the warning level is reached the
controller
will
generate
the
TEMP_WARNING_EVENT
interrupt.
In
addition, the host can be informed about the
event through HW Flags on GPIO0 (see the
Digital I/O section).
When an OTP fault condition occurs, the
XRP7724 outputs are shutdown and the
TEMP_OVER_EVENT interrupt is generated.
Once temperature reaches a user defined OTP
Restart
Threshold
level,
the
TEMP_UNDER_EVENT
interrupt
will
be
generated and the controller will reset.
OVP
A user defined OVP fault level is set in PA5
and is expressed in percentages of a
regulated target voltage.
Resolution is the same as for the target
voltage (expressed in percentages). The OVP
minimum and maximum values are calculated
by the following equation where the range for
N is 1 to 63:
When the OVP level is reached and the fault is
generated, the host will be notified by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com