Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7724 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP7724
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7724 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP7724 Datasheet HTML 3Page - Exar Corporation XRP7724 Datasheet HTML 4Page - Exar Corporation XRP7724 Datasheet HTML 5Page - Exar Corporation XRP7724 Datasheet HTML 6Page - Exar Corporation XRP7724 Datasheet HTML 7Page - Exar Corporation XRP7724 Datasheet HTML 8Page - Exar Corporation XRP7724 Datasheet HTML 9Page - Exar Corporation XRP7724 Datasheet HTML 10Page - Exar Corporation XRP7724 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
7/29
Rev. 1.0.1
BLOCK DIAGRAM
Fig. 2: XRP7724 Block Diagram
LDO BLOCK DIAGRAM
Fig. 3: XRP7724 LDO Block Diagram
BST1
GPIO 0-1
Channel 1
GH1
VCC
GL1
LX1
GL_RTN1
LDO5
Hybrid
DPWM
Digital
PID
Feedback
ADC
VREF
DAC
PreScaler
1/2/4
SS & PD
Current
ADC
Dead
Time
Gate
Driver
VOUT1
VCCD3-4
Channel 3
Channel 4
MUX
Vout1
Vout2
Vout3
Vout4
Vtj
5V LDO
GPIO
I2C
SDA,SCL
NVM
(FLASH)
CLOCK
PWR
Good
Configuration
Registers
VOUT3
VOUT4
Fault
Handling
OTP
UVLO
OCP
OVP
LOGIC
PSIO 0-2
PSIO
LDO3_3
3.3V LDO
VCCD1-2
ENABLE
Channel 2
VOUT3
Sequencing
Internal
POR
VCC
BFB
4uA
5V LDO
3.3V LDO
1.8V
Regulator
LDO5
5V Blocks
PSIO
1.8V Digital
VCC
LDO3_3
+
-
V5EXT
4.75V
– 4.9V
3.3V Regulator
3.3V GPIO
Gate Drivers
VCCD1-2
DVDD
1.8V Analog
AVDD
VCCD3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com