Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736 Datasheet(PDF) 2 Page - Analog Devices

Part # AD736
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736 Datasheet(HTML) 2 Page - Analog Devices

  AD736 Datasheet HTML 1Page - Analog Devices AD736 Datasheet HTML 2Page - Analog Devices AD736 Datasheet HTML 3Page - Analog Devices AD736 Datasheet HTML 4Page - Analog Devices AD736 Datasheet HTML 5Page - Analog Devices AD736 Datasheet HTML 6Page - Analog Devices AD736 Datasheet HTML 7Page - Analog Devices AD736 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD736–SPECIFICATIONS
REV. C
–2–
(@ +25 C
5 V supplies, ac coupled with 1 kHz sine-wave input applied unless
otherwise noted.)
AD736J/A
AD736K/B
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Units
TRANSFER FUNCTION
V
OUT =
Avg.(V
IN
2
)
V
OUT =
Avg.(V
IN
2
)
CONVERSION ACCURACY
1 kHz Sine Wave
Total Error, Internal Trim
1
ac Coupled Using CC
All Grades
0–200 mV rms
0.3/0.3
0.5/0.5
0.2/0.2
0.3/0.3
±mV/±% of Reading
200 mV–1 V rms
–1.2
2.0
–1.2
2.0
% of Reading
TMIN–TMAX
A&B Grades
@ 200 mV rms
0.7/0.7
0.5/0.5
±mV/±% of Reading
J&K Grades
@ 200 mV rms
0.007
0.007
±% of Reading/°C
vs. Supply Voltage
@ 200 mV rms Input
VS = ± 5 V to ± 16.5 V
0
+0.06
+0.1
0
+0.06
+0.1
%/V
@ 200 mV rms Input
VS = ± 5 V to ± 3 V
0
–0.18
–0.3
0
–0.18
–0.3
%/V
dc Reversal Error, dc Coupled @ 600 mV dc
1.3
2.5
1.3
2.5
% of Reading
Nonlinearity
2, 0 mV–200 mV
@ 100 mV rms
0
+0.25
+0.35
0
+0.25
+0.35
% of Reading
Total Error, External Trim
0–200 mV rms
0.1/0.5
0.1/0.3
±mV/±% of Reading
ERROR vs. CREST FACTOR
3
Crest Factor 1 to 3
CAV, CF = 100 µF
0.7
0.7
% Additional Error
Crest Factor = 5
CAV, CF = 100 µF
2.5
2.5
% Additional Error
INPUT CHARACTERISTICS
High Impedance Input (Pin 2)
Signal Range
Continuous rms Level
VS = +2.8 V, –3.2 V
200
200
mV rms
Continuous rms Level
VS = ± 5 V to ± 16.5 V
11
V rms
Peak Transient Input
VS = +2.8 V, –3.2 V
0.9
0.9
V
Peak Transient Input
VS = ± 5 V
±2.7
±2.7
V
Peak Transient Input
VS = ± 16.5 V
4.0
4.0
V
Input Resistance
10
12
10
12
Ω
Input Bias Current
VS = ± 3 V to ± 16.5 V
1
25
1
25
pA
Low Impedance Input (Pin 1)
Signal Range
Continuous rms Level
VS = +2.8 V, –3.2 V
300
300
mV rms
Continuous rms Level
VS = ± 5 V to ± 16.5 V
l
l
V rms
Peak Transient Input
VS = +2.8 V, –3.2 V
±1.7
±1.7
V
Peak Transient Input
VS = ± 5 V
±3.8
±3.8
V
Peak Transient Input
VS = ± 16.5 V
±11
±11
V
Input Resistance
6.4
8
9.6
6.4
8
9.6
k
Ω
Maximum Continuous
Nondestructive Input
All Supply Voltages
±12
±12
V p-p
Input Offset Voltage4
ac Coupled
J&K Grades
3
3
mV
A&B Grades
3
3
mV
vs. Temperature
8
30
8
30
µV/°C
vs. Supply
VS = ± 5 V to ± 16.5 V
50
150
50
150
µV/V
vs. Supply
VS = ± 5 V to ± 3 V
80
80
µV/V
OUTPUT CHARACTERISTICS
Output Offset Voltage
J&K Grades
±0.1
0.5
±0.1
0.3
mV
A&B Grades
0.5
0.3
mV
vs.Temperature
1
20
1
20
µV/°C
vs. Supply
VS = ± 5 V to ± 16.5 V
50
130
50
130
µV/V
VS = ± 5 V to ± 3 V
50
50
µV/V
Output Voltage Swing
2 k
Ω Load
VS = +2.8 V, –3.2 V
0 to +1.6 +1.7
0 to +1.6
+1.7
V
2 k
Ω Load
VS = ± 5 V
0 to +3.6 +3.8
0 to +3.6
+3.8
V
2 k
Ω Load
VS = ± 16.5 V
0 to +4
+5
0 to +4
+5
V
No Load
VS = ± 16.5 V
0 to +4
+12
0 to +4
+12
V
Output Current
2
2
mA
Short-Circuit Current
3
3
mA
Output Resistance
@ dc
0.2
0.2
Ω
FREQUENCY RESPONSE
High Impedance Input (Pin 2)
For 1% Additional Error
Sine-Wave Input
VIN = 1 mV rms
1
1
kHz
VIN = 10 mV rms
6
6
kHz
VIN = 100 mV rms
37
37
kHz
VIN = 200 mV rms
33
33
kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com