Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736 Datasheet(PDF) 3 Page - Analog Devices

Part # AD736
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736 Datasheet(HTML) 3 Page - Analog Devices

  AD736 Datasheet HTML 1Page - Analog Devices AD736 Datasheet HTML 2Page - Analog Devices AD736 Datasheet HTML 3Page - Analog Devices AD736 Datasheet HTML 4Page - Analog Devices AD736 Datasheet HTML 5Page - Analog Devices AD736 Datasheet HTML 6Page - Analog Devices AD736 Datasheet HTML 7Page - Analog Devices AD736 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD736
REV. C
–3–
AD736J/A
AD736K/B
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Units
±3 dB Bandwidth
Sine-Wave Input
VIN = 1 mV rms
5
5
kHz
VIN = 10 mV rms
55
55
kHz
VIN = 100 mV rms
170
170
kHz
VIN = 200 mV rms
190
190
kHz
FREQUENCY RESPONSE
Low Impedance Input (Pin 1)
For 1% Additional Error
Sine-Wave Input
VIN = 1 mV rms
1
1
kHz
VIN = 10 mV rms
6
6
kHz
VIN = 100 mV rms
90
90
kHz
VIN = 200 mV rms
90
90
kHz
±3 dB Bandwidth
Sine-Wave Input
VIN = l mV rms
5
5
kHz
VIN = 10 mV rms
55
55
kHz
VIN = 100 mV rms
350
350
kHz
VIN = 200 mV rms
460
460
kHz
POWER SUPPLY
OperatingVoltageRange
+2.8, –3.2
±5
±16.5
+2.8, –3.2
±5
±16.5
Volts
Quiescent Current
Zero Signal
160
200
160
200
µA
200 mV rms, No Load
Sine-Wave Input
230
270
230
270
µA
TEMPERATURE RANGE
Operating, Rated Performance
Commercial (0
°C to +70°C)
AD736J
AD736K
Industrial (–40
°C to +85°C)
AD736A
AD736B
NOTES
lAccuracy is specified with the AD736 connected as shown in Figure 16 with capacitor C
C.
2Nonlinearity is defined as the maximum deviation (in percent error) from a straight line connecting the readings at 0 and 200 mV rms. Output offset voltage is adjusted to zero.
3Error vs. Crest Factor is specified as additional error for a 200 mV rms signal. C.F. = V
PEAK/V rms.
4DC offset does not limit ac resolution.
Specifications are subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test.
Results from those tests are used to calculate outgoing quality levels.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16.5 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . . 200 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q) . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . –65
°C to +125°C
Operating Temperature Range
AD736J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD736A/B . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD736JN
0
°C to +70°C
Plastic Mini-DIP N-8
AD736KN
0
°C to +70°C
Plastic Mini-DIP N-8
AD736JR
0
°C to +70°C
Plastic SOIC
SO-8
AD736KR
0
°C to +70°C
Plastic SOIC
SO-8
AD736AQ
–40
°C to +85°C Cerdip
Q-8
AD736BQ
–40
°C to +85°C Cerdip
Q-8
AD736JR-REEL
0
°C to +70°C
Plastic SOIC
SO-8
AD736JR-REEL-7
0
°C to +70°C
Plastic SOIC
SO-8
AD736KR-REEL
0
°C to +70°C
Plastic SOIC
SO-8
AD736KR-REEL-7
0
°C to +70°C
Plastic SOIC
SO-8
PIN CONFIGURATION
8-Pin Mini-DIP (N-8), 8-Pin SOIC (R-8),
8-Pin Cerdip (Q-8)
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability .
28-Pin Plastic Package:
θ
JA = 165°C/W
8-Pin Cerdip Package:
θ
JA = 110°C/W
8-Pin Small Outline Package:
θ
JA = 155°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com