Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD7392AR
Description  3 V, Parallel Input Micropower 10- and 12-Bit DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7392AR Datasheet HTML 3Page - Analog Devices AD7392AR Datasheet HTML 4Page - Analog Devices AD7392AR Datasheet HTML 5Page - Analog Devices AD7392AR Datasheet HTML 6Page - Analog Devices AD7392AR Datasheet HTML 7Page - Analog Devices AD7392AR Datasheet HTML 8Page - Analog Devices AD7392AR Datasheet HTML 9Page - Analog Devices AD7392AR Datasheet HTML 10Page - Analog Devices AD7392AR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD7392/AD7393
–8–
REV. A
POWER SUPPLY BYPASSING AND GROUNDING
Precision analog products, such as the AD7392/AD7393, require a
well filtered power source. Since the AD7392/AD7393 oper-
ate from a single +3 V to +5 V supply, it seems convenient to
simply tap into the digital logic power supply. Unfortunately,
the logic supply is often a switch-mode design, which generates
noise in the 20 kHz to 1 MHz range. In addition, fast logic gates
can generate glitches of hundreds of millivolts in amplitude due
to wiring resistance and inductance. The power supply noise
generated as a result means that special care must be taken to
assure that the inherent precision of the DAC is maintained.
Good engineering judgment should be exercised when address-
ing the power supply grounding and bypassing of the AD7392.
The AD7392 should be powered directly from the system power
supply. This arrangement, shown in Figure 26, employs an LC
filter and separate power and ground connections to isolate the
analog section from the logic switching transients.
100 F
ELECT.
10-22 F
TANT.
0.1 F
CER.
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER SUPPLY
+5V
+5V
RETURN
FERRITE BEAD:
2 TURNS, FAIR-RITE
#2677006301
Figure 26. Use Separate Traces to Reduce Power Supply
Noise
Whether or not a separate power supply trace is available, gener-
ous supply bypassing will reduce supply line induced errors.
Local supply bypassing, consisting of a 10
µF tantalum electro-
lytic in parallel with a 0.1
µF ceramic capacitor, is recom-
mended in all applications (Figure 27).
VOUT
CS
1
20
19
17, 18
4
3
2
C
*
RS
DB0–DB11
+2.7V TO +5.5V
VDD
REF
GND
SHDN
AD7392
OR
AD7393
0.1 F
10 F
* OPTIONAL EXTERNAL
REFERENCE BYPASS
Figure 27. Recommended Supply Bypassing for the
AD7392/AD7393
AMPLIFIER SECTION
The internal DAC’s output is buffered by a low power con-
sumption precision amplifier. The op amp has a 60
µs typical
settling time to 0.1% of full scale. There are slight differences in
settling time for negative slewing signals versus positive. Also,
negative transition settling-time to within the last 6 LSBs of
zero volts has an extended settling time. The rail-to-rail output
stage of this amplifier has been designed to provide precision
performance while operating near either power supply. Figure
25 shows an equivalent output schematic of the rail-to-rail-
amplifier with its N-channel pull-down FETs that will pull an
output load directly to GND. The output sourcing current is
provided by a P-channel pull-up device that can source current
to GND terminated loads.
P-CH
N-CH
VDD
VOUT
AGND
Figure 25. Equivalent Analog Output Circuit
The rail-to-rail output stage provides
±1 mA of output current.
The N-channel output pull-down MOSFET, shown in Figure
25, has a 35
Ω ON resistance that sets the sink current capability
near ground. In addition to resistive load driving capability, the
amplifier also has been carefully designed and characterized for
up to 100 pF capacitive load driving capability.
REFERENCE INPUT
The reference input terminal has a constant input resistance
independent of digital code, which results in reduced glitches
on the external reference voltage source. The high 2.5 M
Ω
input-resistance minimizes power dissipation within the
AD7392/AD7393 D/A converters. The VREF input accepts
input voltages ranging from ground to the positive-supply volt-
age VDD. One of the simplest applications that saves an external
reference voltage source is connection of the REF terminal to
the positive VDD supply. This connection results in a rail-to-rail
voltage output span maximizing the programmed range. The
reference input will accept ac signals as long as they are kept
within the supply voltage range, 0 < VREF IN < VDD. The refer-
ence bandwidth and integral nonlinearity error performance are
plotted in the typical performance section (see Figures 20 and
21). The ratiometric reference feature makes the AD7392/
AD7393 an ideal companion to ratiometric analog-to-digital
converters such as the AD7896.
POWER SUPPLY
The very low power consumption of the AD7392/AD7393 is a
direct result of a circuit design optimizing the use of a CBCMOS
process. By using the low power characteristics of CMOS for
the logic and the low noise, tight-matching of the complemen-
tary bipolar transistors, excellent analog accuracy is achieved.
One advantage of the rail-to-rail output amplifiers used in the
AD7392/AD7393 is the wide range of usable supply voltage.
The part is fully specified and tested for operation from +2.7 V
to +5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com