Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD7392AR
Description  3 V, Parallel Input Micropower 10- and 12-Bit DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7392AR Datasheet HTML 3Page - Analog Devices AD7392AR Datasheet HTML 4Page - Analog Devices AD7392AR Datasheet HTML 5Page - Analog Devices AD7392AR Datasheet HTML 6Page - Analog Devices AD7392AR Datasheet HTML 7Page - Analog Devices AD7392AR Datasheet HTML 8Page - Analog Devices AD7392AR Datasheet HTML 9Page - Analog Devices AD7392AR Datasheet HTML 10Page - Analog Devices AD7392AR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD7392/AD7393
–10–
REV. A
UNIPOLAR OUTPUT OPERATION
This is the basic mode of operation for the AD7392. As shown
in Figure 29, the AD7392 has been designed to drive loads as
low as 5 k
Ω in parallel with 100 pF. The code table for this
operation is shown in Table II.
1
20
19
17, 18
0.01 F
+2.7V TO +5.5V
VDD
AGND/DGND
AD7392
0.1 F10 F
DIGITAL INTERFACE
CIRCUITRY OMITTED
FOR CLARITY
VOUT
RL
5k
CL
100pF
REF
EXT
REF
R
Figure 29. AD7392 Unipolar Output Operation
Table II. Unipolar Code Table
Hexadecimal
Decimal
Output
Number
Number
Voltage (V)
in DAC Register
in DAC Register
VREF = 2.5 V
FFF
4095
2.4994
801
2049
1.2506
800
2048
1.2500
7FF
2047
1.2494
000
0
0
The circuit can be configured with an external reference plus
power supply or powered from a single dedicated regulator
or reference depending on the application performance re-
quirements.
BIPOLAR OUTPUT OPERATION
Although the AD7393 has been designed for single-supply op-
eration, the output can be easily configured for bipolar opera-
tion. A typical circuit is shown in Figure 30. This circuit uses a
clean regulated +5 V supply for power, which also provides the
circuit’s reference voltage. Since the AD7393 output span swings
from ground to very near +5 V, it is necessary to choose an exter-
nal amplifier with a common-mode input voltage range that
extends to its positive supply rail. The micropower consump-
tion OP196 has been designed just for this purpose and results
in only 50 microamps of maximum current consumption. Con-
nection of the equal valued 470 k
Ω resistors results in a differen-
tial amplifier mode of operation with a voltage gain of two,
which produces a circuit output span of ten volts (that is, –5 V
to +5 V). As the DAC is programmed from zero-code 000H to
midscale 200H to full scale 3FFH, the circuit output voltage VO
is set at –5 V, 0 V and +5 V (minus 1 LSB). The output voltage
VO is coded in offset binary according to Equation 4.
V O =
D
512
–1
 × 5
Equation 4
where D is the decimal code loaded in the AD7393 DAC regis-
ter. Note that the LSB step size is 10/1024 = 10 mV. This cir-
cuit has been optimized for micropower consumption including
the 470 k
Ω gain setting resistors, which should have low tem-
perature coefficients to maintain accuracy and matching (prefer-
ably the same resistor material, such as metal film). If better
stability is required, the power supply could be substituted with
a precision reference voltage such as the low drop out REF195,
which can easily supply the circuit’s 162
µA of current, and still
provide additional power for the load connected to VO. The
micropower REF195 is guaranteed to source 10 mA output
drive current, but only consumes 50
µA internally. If higher
resolution is required, the AD7392 can be used with the addi-
tion of two more bits of data inserted into the software coding,
which would result in a 2.5 mV LSB step size. Table III shows
examples of nominal output voltages VO provided by the Bipolar
Operation circuit application.
VO
C
VDD
REF
GND
<100 A
<2 A
470k
+5V
ISY < 162 A
OP196
470k
+5V
–5V
BIPOLAR
OUTPUT
SWING
–5V
AD7393
DIGITAL INTERFACE CIRCUITRY OMITTED FOR CLARITY
VOUT
<50 A
Figure 30. Bipolar Output Operation
Table III. Bipolar Code Table
Hexadecimal
Decimal
Analog
Number
Number
Output
In DAC Register
in DAC Register
Voltage (V)
3FF
1023
4.9902
201
513
0.0097
200
512
0.0000
1FF
511
–0.0097
000
0
–5.0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com