Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD741 Datasheet(PDF) 2 Page - Analog Devices

Part # AD741
Description  Low Cost, High Accuracy IC Op Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD741 Datasheet(HTML) 2 Page - Analog Devices

  AD741 Datasheet HTML 1Page - Analog Devices AD741 Datasheet HTML 2Page - Analog Devices AD741 Datasheet HTML 3Page - Analog Devices AD741 Datasheet HTML 4Page - Analog Devices AD741 Datasheet HTML 5Page - Analog Devices AD741 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
–2–
REV. A
AD741 Series–SPECIFICATIONS
AD741C
AD741
AD741J
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OPEN-LOOP GAIN
RL = 1 k
Ω, V
O =
±10 V
50,000
200,000
V/V
RL = 2 kΩ, VO = ± 10 V
20,000
200,000
50,000
200,000
V/V
TA = min to max RL = 2 k
Ω
15,000
25,000
25,000
V/V
OUTPUT CHARACTERISTICS
Voltage @ RL = 1 k
Ω, T
A = min to max
10
±13
V
Voltage @ RL = 2 k
Ω, T
A = min to max
10
±13
10
±13
V
Short Circuit Current
25
25
25
mA
FREQUENCY RESPONSE
Unity Gain, Small Signal
1
1
1
MHz
Full Power Response
10
10
10
kHz
Slew Rate
0.5
0.5
0.5
V/
µs
Transient Response (Unity Gain)
Rise Time CL
≤ 10 V p-p
0.3
0.3
0.3
µs
Overshoot
5.0
5.0
5.0
%
INPUT OFFSET VOLTAGE
Initial, RS ≤ 10 kΩ, Adjust to Zero
1.0
6.0
1.0
5.0
1.0
3.0
mV
TA = min to max
1.0
7.5
1.0
6.0
4.0
mV
Average vs. Temperature (Untrimmed)
20
µV/°C
vs. Supply, TA = min to max
30
100
µV/V
INPUT OFFSET CURRENT
Initial
20
200
20
200
5
50
nA
TA = min to max
40
300
85
500
100
nA
Average vs. Temperature
0.1
nA/
°C
INPUT BIAS CURRENT
Initial
80
500
80
500
40
200
nA
TA = min to max
120
800
300
1,500
400
nA
Average vs. Temperature
0.6
nA/
°C
INPUT IMPEDANCE DIFFERENTIAL 0.3
2.0
0.3
2.0
1.0
M
Ω
INPUT VOLTAGE RANGE
1
Differential, max Safe
±30
V
Common-Mode, max Safe
±12
±13
±12
±13
±15
V
Common-Mode Rejection,
RS =
≤ 10 kΩ, T
A = min to max,
VIN =
±12 V
70
90
70
90
80
90
dB
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating
±5
±18
V
Power Supply Rejection Ratio
30
150
30
150
µV/V
Quiescent Current
1.7
2.8
1.7
2.8
2.2
3.3
mA
Power Consumption
50
85
50
85
50
85
mW
TA = min
60
100
mW
TA = max
45
75
mW
TEMPERATURE RANGE
Operating Rated Performance
0
+70
–55
+125
0
+70
°C
Storage
–65
+150
–65
+150
–65
+150
°C
NOTES
1For supply voltages less than
± 15 V, the absolute maximum input voltage is equal to the supply voltage.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are
used to calculate outgoing quality levels.
Specifications subject to change without notice.
(typical @ +25 C and
15 V dc, unless otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com