Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD741 Datasheet(PDF) 4 Page - Analog Devices

Part # AD741
Description  Low Cost, High Accuracy IC Op Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD741 Datasheet(HTML) 4 Page - Analog Devices

  AD741 Datasheet HTML 1Page - Analog Devices AD741 Datasheet HTML 2Page - Analog Devices AD741 Datasheet HTML 3Page - Analog Devices AD741 Datasheet HTML 4Page - Analog Devices AD741 Datasheet HTML 5Page - Analog Devices AD741 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD741 Series
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS
AD741, J,
Absolute Maximum Ratings
K, L, S
AD741C
Supply Voltage
±22 V
±18 V
Internal Power Dissipation
500 mW
1
500 mW
Differential Input Voltage
±30 V
±30 V
Input Voltage
±15 V
±15 V
Storage Temperature Range
–65
°C
–65
°C
to +150
°C
to +150
°C
Lead Temperature
(Soldering, 60 sec)
+300
°C
+300
°C
Output Short Circuit Duration
Indefinite
2
Indefinite
NOTES
1Rating applies for case temperature to +125
°C. Derate TO-99 linearity at
6.5 mW/
°C for ambient temperatures above +70°C.
2Rating applies for shorts to ground or either supply at case temperatures to
+125
°C or ambient temperatures to +75°C.
ORDERING GUIDE
Temperature
Initial Off
Package
Package
Model
1
Range
Set Voltage Description Option
AD741CN 0
°C to +70°C
6.0 mV
Mini-DIP
(N-8)
AD741CH 0
°C to +70°C
6.0 mV
TO-99
(H-08A)
AD741JN
0
°C to +70°C
3.0 mV
Mini-DIP
(N-8)
AD741JH
0
°C to +70°C
3.0 mV
TO-99
(H-08A)
AD741KN 0
°C to +70°C
2.0 mV
Mini-DIP
(N-8)
AD741KH 0
°C to +70°C
2.0 mV
TO-99
(H-08A)
AD741LN 0
°C to +70°C
0.5 mV
Mini-DIP
(N-8)
AD741LH 0
°C to +70°C
0.5 mV
TO-99
(H-08A)
AD741H
–55
°C to +125°C 5.0 mV
TO-99
(H-08A)
AD741SH –55
°C to +125°C 2.0 mV
TO-99
(H-08A)
NOTE
1J, K and S grade chips also available.
METALIZATION PHOTOGRAPH
All versions of the AD741 are available in chip form.
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99 (H)
Mini DIP (N)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com