Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD744 Datasheet(PDF) 12 Page - Analog Devices

Part # AD744
Description  Precision, 500 ns Settling BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD744 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD744 Datasheet HTML 4Page - Analog Devices AD744 Datasheet HTML 5Page - Analog Devices AD744 Datasheet HTML 6Page - Analog Devices AD744 Datasheet HTML 7Page - Analog Devices AD744 Datasheet HTML 8Page - Analog Devices AD744 Datasheet HTML 9Page - Analog Devices AD744 Datasheet HTML 10Page - Analog Devices AD744 Datasheet HTML 11Page - Analog Devices AD744 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV.C
–12–
AD744
In either case, the capacitance CX causes the system to go from
a one-pole to a two-pole response; this additional pole increases
settling time by introducing peaking or ringing in the op amp’s
output. If the value of CX can be estimated with reasonable accu-
racy, Equation 2 can be used to choose the correct value for
a small capacitor, CL, which will optimize amplifier response. If
the value of CX is not known, CL should be a variable capacitor.
As an aid to the designer, the optimum value of CL for one spe-
cific amplifier connection can be determined from the graph of
Figure 41. This graph has been produced for the case where the
AD744 is connected as in Figures 39 and 40 with a practical
minimum value for CSTRAY of 2 pF and a total CX value of 7.5 pF.
The approximate value of CL can be determined for almost any
application by solving Equation 2. For example, the AD565/
AD744 circuit of Figure 34 constrains all the variables of Equa-
tion 2 (GN = 3.25, R = 10 k
Ω, FO = 13 MHz, and CX = 32.5 pF)
Therefore, under these conditions, CL= 10.5 pF.
VALUE OF RESISTOR –
100
35
0
1k
10k
100k
30
25
20
15
10
5
IN THIS REGION
CLEAD = 0pF
GN = 1 TO
GN = 1.5
GN = 2
GN = 3
GN = 1
Figure 41. Practical Values of CL vs. Resistance of R
for Various Amplifier Noise Gains
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99 (H) Package
5
4
0.034 (0.86)
0.028 (0.71)
0.045 (1.1)
0.020 (0.51)
BOTTOM VIEW
6
2
8
7
3
1
0.2 (5.1) TYP
45°
EQUALLY
SPACED
0.185 (4.70)
0.165 (4.19)
REFERENCE PLANE
0.5 (12.70)
MIN
0.019 (0.48)
0.016 (0.41)
DIA
8 LEADS
0.04 (1.0) MAX
SEATING PLANE
0.335 (8.50)
0.305 (7.75)
0.370 (9.40)
0.335 (8.50)
INSULATION
0.05 (1.27) MAX
Mini-DIP (N) Package
0.39 (9.91)
MAX
8
14
5
PIN 1
0.10 (2.54)
TYP
0.25
(6.35)
0.31
(7.87)
SEATING
PLANE
0.125 (3.18)
MIN
0.165
0.01
(4.19
0.25)
0.035
0.01
(0.89
0.25)
0.18
0.03
(4.57
0.76)
0.018
0.003
(0.46
0.08)
0.033
(0.84)
NOM
0.30 (7.62)
REF
0-15
0.011
0.003
(0.28
0.08)
Cerdip (Q) Package
1
4
85
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13)
MIN
0.055 (1.35)
MAX
0.1 (2.54) BSC
15°
0°
0.32 (8.13)
0.29 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.20 (5.08)
MAX
0.405 (10.29) MAX
0.15
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.07 (1.78)
0.03 (0.76)
0.06 (1.52)
0.015 (0.38)
Small Outline (SO-8) Package
0.011
0.002
(0.269
0.03)
0.033
0.017
(0.83
0.43)
SEATING
PLANE
0.008
0.004
(0.203
0.075)
0.098
0.006
(2.49
0.23)
0.017
0.003
(0.42
0.07)
85
4
1
PIN 1
0.050 (1.27)
BSC
0.193
0.008
(4.90
0.10)
0.154
0.004
(3.91
0.10)
0.236
0.012
(6.00
0.20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com