Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24E Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24E
Description  STARTER KIT USER?셎 GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24E Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24E Datasheet HTML 17Page - Microchip Technology PIC24E Datasheet HTML 18Page - Microchip Technology PIC24E Datasheet HTML 19Page - Microchip Technology PIC24E Datasheet HTML 20Page - Microchip Technology PIC24E Datasheet HTML 21Page - Microchip Technology PIC24E Datasheet HTML 22Page - Microchip Technology PIC24E Datasheet HTML 23Page - Microchip Technology PIC24E Datasheet HTML 24Page - Microchip Technology PIC24E Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Board Layout and Schematics
© 2010-2011 Microchip Technology Inc.
DS51936B-page 21
A.2
APPLICATION HARDWARE SCHEMATICS
FIGURE A-3:
TARGET DEVICE (dsPIC33E/PIC24E)
R34
4.7K
C19
0.1uF
C22
0.1uF
1M
R36
C14
10uF
Y3
8 Mhz
R35
0R
20pF
C18
20pF
C17
C21
0.1uF
C20
0.1uF
C23
0.1uF
C24
0.1uF
11pF
C16
11pF
C15
46
VDD
43 PMPA1/RB14
40
RF12
37
VDD
31
AVSS
28
VREF-/RA9
24
PGEC3/RB1
18 RE8
15
VSS
9
PWMH6/RC4
6 PWML5/RC1
52
RF2
55
VUSB
58
ASCL2/RA2
61
TDO/RPIA5
64
OSCO/RC15
67
RA15
77
RD2
80
RD13
83
C3INB/RD6
86
VDD
89
RG1
92
RPIA7
95
RG14
48 RD15
45
VSS
44
PMPA0/RB15
42
PMPA10/RB13
36 VSS
38
TCK/RA1
39
RF13
30
AVDD
32
PMPA6/RB8
33
PMPA7/RB9
25 PGED3/RB0
26
PGEC2/RB6
27 PGED2/RB7
22
C2INA/RB3
19
RE9
23
C2INB/RB2
16
VDD
13 MCLR
17
TMS/RA0
7
PWMH5/RC2
8
PWML6/RC3
1
RG15
2
VDD
51
USBID/RF3
53
NC
57
D+/RG2
56
D-/RG3
59
ASDA2/RA3
63
OSCIN/RC12
62
VDD
65
VSS
69
ASDA1/RD9
68
RTCC/RD8
71
PMPCS1/RD11
75
VSS
76
VCPCON/RD1
82
PMPRD/RD5
81
PMPWR/RD4
78
PMPBE/RD3
79
RD12
88
RF1
87
RF0
84
C3INA/RD7
85
VDDCAP
90
RG0
91
RPIA6
96
RG12
97
RG13
47
RD14
35
PMPA12/RB11
41 PMPA11//RB12
29 VREF+/RA10
54
VBUS
60
TDI/RPIA4
66
RA14
72
INT0/RD0
70
ASCL1/PMPCS2/RD10
73
PGED1/SOSCI/RC13
98
PWML2/PMPD2/RE2
74
PGEC1/SOSCO/RC14
94
PWMH1/PMPD1/RE1
93
PWML1/PMPD0/RE0
100
PWML3/PMPD4/RE4
99
PWMH2/PMPD3/RE3
49
SDA2/PMPA9/RF4
34 CVREF/PMPA13/RB10
21
C1INB/USBOE/RB4
12
C2IND/PMPA3/RG8
3
PWMH3/PMPD5/RE5
50 SCL2/PMPA8/RF5
20 C1INA/VBUSST/RB5
14
C2INC/PMPA2/RG9
10
C1IND/PMPA5/RG6
11 C1INC/PMPA4/RG7
4 PWML4/PMPD6/RE6
5
PWMH4/PMPD7/RE7
U5
dsPIC33E/24E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com