Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24E Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC24E
Description  STARTER KIT USER?셎 GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24E Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC24E Datasheet HTML 13Page - Microchip Technology PIC24E Datasheet HTML 14Page - Microchip Technology PIC24E Datasheet HTML 15Page - Microchip Technology PIC24E Datasheet HTML 16Page - Microchip Technology PIC24E Datasheet HTML 17Page - Microchip Technology PIC24E Datasheet HTML 18Page - Microchip Technology PIC24E Datasheet HTML 19Page - Microchip Technology PIC24E Datasheet HTML 20Page - Microchip Technology PIC24E Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Hardware
© 2010-2011 Microchip Technology Inc.
DS51936B-page 17
2.2.5
Switches
Push button switches (SW1, SW2 and SW3) provide the following functionality:
• SW1: Active-low switch connected to RD6
• SW2: Active-low switch connected to RD7
• SW3: Active-low switch connected to RD13
The switches do not have any debounce circuitry and require the use of software
debounce techniques. When idle, the switches are pulled high (+3.3V). When pressed,
they are grounded.
2.2.6
LEDs
The LEDs (LED1, LED2 and LED3) are connected to PORT D of the processor:
• LED1: Active-high LED connected to RD0
• LED2: Active-high LED connected to RD1
• LED3: Active-high LED connected to RD2
The corresponding PORT D pins must be configured as digital outputs and set high in
order to turn on the LEDs.
2.2.7
Oscillator Options
The installed DSC or MCU has an 8 MHz crystal (Y3) connected to it. This crystal is
used by the microcontroller’s Primary Oscillator. Use of the external crystal is required
in order to develop USB applications, as the USB specification dictates a frequency tol-
erance of ± 0.25% for full speed. Non-USB applications can use the internal oscillators
if preferred. The starter kit also has provisions for an external Secondary Oscillator
(Y2); however, the crystal for this oscillator is not populated.
The PIC24FJ256GB106 device is independently clocked and has its own 12 MHz
crystal (Y1).
2.2.8
120-pin Modular Expansion Connector
The dsPIC33E or PIC24E USB Starter Kit includes a 120-pin modular expansion
interface (Application Board Connector J3) on its bottom side. This allows the board to
be optionally used in conjunction with other Microchip development boards such as the
I/O Expansion Board or the Multimedia Expansion Board (MEB), thereby extending the
functionality provided by the starter kit.
TABLE 2-1:
STARTER KIT CONNECTOR PART NUMBERS
Connector
HIROSE Electric P/N
Starter Kit Connector
FX10A-120P/12-SV1(71)
Application Board Connector
FX10A-120S/12-SV(71)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com