Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24FJ128GA310 Datasheet HTML 1Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 1
PIC24FJ128GA310 FAMILY
Extreme Low-Power Features:
• Multiple Power Management Options for Extreme
Power Reduction:
-VBAT allows the device to transition to a back-up
battery for the lowest power consumption with
RTCC
- Deep Sleep allows near total power-down, with
the ability to wake-up on external triggers
- Sleep and Idle modes selectively shut down
peripherals and/or core for substantial power
reduction and fast wake-up
- Doze mode allows CPU to run at a lower clock
speed than peripherals
• Alternate Clock modes Allow On-the-Fly Switching to
a Lower Clock Speed for Selective Power Reduction
• Extreme Low-Power Current Consumption for
Deep Sleep:
- WDT: 270 nA @ 3.3V typical
- RTCC: 400 nA @ 32 kHz, 3.3V typical
- Deep Sleep current, 40 na, 3.3V typical
Peripheral Features:
• LCD Display Controller:
- Up to 60 segments by 8 commons
- Internal charge pump and low-power, internal
resistor biasing
- Operation in Sleep mode
• Up to Five External Interrupt Sources
• Peripheral Pin Select (PPS): Allows Independent I/O
Mapping of Many Peripherals
• Five 16-Bit Timers/Counters with Prescaler:
- Can be paired as 32-bit timers/counters
• Six-Channel DMA supports All Peripheral modules
- Minimizes CPU overhead and increases data
throughput
Peripheral Features (continued):
• Seven Input Capture modules, each with a
Dedicated 16-Bit Timer
• Seven Output Compare/PWM modules, each with a
Dedicated 16-Bit Timer
• Enhanced Parallel Master/Slave Port (EPMP/EPSP)
• Hardware Real-Time Clock/Calendar (RTCC):
- Runs in Deep Sleep and VBAT modes
• Two 3-Wire/4-Wire SPI modules (support 4 Frame
modes) with 8-Level FIFO Buffer
•Two I2C™ modules Support Multi-Master/Slave
mode and 7-Bit/10-Bit Addressing
•Four UART modules:
- Support RS-485, RS-232 and LIN/J2602
- On-chip hardware encoder/decoder for IrDA®
- Auto-wake-up on Auto-Baud Detect
- 4-level deep FIFO buffer
• Programmable 32-bit Cyclic Redundancy Check
(CRC) Generator
• Digital Signal Modulator Providers On-Chip FSK and
PSK Modulation for a Digital Signal Stream
• Configurable Open-Drain Outputs on Digital I/O Pins
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
Analog Features:
• 10/12-Bit, 24-Channel Analog-to-Digital (A/D) Converter:
- Conversion rate of 500 ksps (10-bit), 200 ksps (12-bit)
- Conversion available during Sleep and Idle
• Three Rail-to-Rail Enhanced Analog Comparators
with Programmable Input/Output Configuration
• On-Chip Programmable Voltage Reference
• Charge Time Measurement Unit (CTMU):
- Used for capacitive touch sensing, up to 24 channels
- Time measurement down to 1 ns resolution
- CTMU temperature sensing
Device
Memory
Remappable Peripherals
PIC24FJ128GA310
100
128K
8K
5
7
7
4
2
2
24
3
24
Y
480
Y
Y
PIC24FJ128GA308
80
128K
8K
5
7
7
4
2
2
16
3
16
Y
368
Y
Y
PIC24FJ128GA306
64
128K
8K
5
7
7
4
2
2
16
3
16
Y
240
Y
Y
PIC24FJ64GA310
100
64K
8K
5
7
7
4
2
2
24
3
24
Y
480
Y
Y
PIC24FJ64GA308
80
64K
8K
5
7
7
4
2
2
16
3
16
Y
368
Y
Y
PIC24FJ64GA306
64
64K
8K
5
7
7
4
2
2
16
3
16
Y
240
Y
Y
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
with LCD Controller and nanoWatt XLP Technology


Similar Part No. - PIC24FJ128GA310

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA310 MICROCHIP-PIC24FJ128GA310 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
PIC24FJ128GA310 MICROCHIP-PIC24FJ128GA310 Datasheet
3Mb / 406P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
08/02/11
PIC24FJ128GA310-I MICROCHIP-PIC24FJ128GA310-I Datasheet
3Mb / 406P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
08/02/11
More results

Similar Description - PIC24FJ128GA310

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
2Mb / 354P
64-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC16LF1527-I MICROCHIP-PIC16LF1527-I Datasheet
2Mb / 354P
64-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC24FJ128GA310-I MICROCHIP-PIC24FJ128GA310-I Datasheet
3Mb / 406P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
08/02/11
PIC24F08KA102-I MICROCHIP-PIC24F08KA102-I Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com