Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3901
Description  Energy Meter Reference Design
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3901_12 Datasheet HTML 17Page - Microchip Technology MCP3901_12 Datasheet HTML 18Page - Microchip Technology MCP3901_12 Datasheet HTML 19Page - Microchip Technology MCP3901_12 Datasheet HTML 20Page - Microchip Technology MCP3901_12 Datasheet HTML 21Page - Microchip Technology MCP3901_12 Datasheet HTML 22Page - Microchip Technology MCP3901_12 Datasheet HTML 23Page - Microchip Technology MCP3901_12 Datasheet HTML 24Page - Microchip Technology MCP3901_12 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Calculation Engine and Register Description
© 2012 Microchip Technology Inc.
DS51968A-page 21
3.6
LINE_CYC
Number of line cycles as a power of two. A setting of 0 indicates 20 or one line cycle.
A setting of 1 is two line cycles (21), a setting of 2 is four lines cycles (22), up to a setting
of eight which is 256 line cycles. When written, this register will not take effect until the
previous number of line cycles has been acquired.
3.7
LINE_CYC_CNT
This register counts from 0 and finishes at 2 (LINE_CYC - 1). Then it restarts at 0, where
LINE_CYC represents the value in the LINE_CYC register.
3.8
RAW2_I_RMS
This register is the square of the raw RMS value from the current A/D converter in
LSBs. By definition, this register will always contain a positive value, including the sit-
uation where power is negative from a backwards CT or otherwise. This register is
overwritten every LINE_CYC line cycle and is written only once, if calibration is
enabled.
bit 1
CAL_UPDATE: Calibration Update bit
Power and energy registers updated for LINE_CYC line cycles when cleared. Bit must be set for reg-
isters to begin updating, which starts on the next line cycle after bit is set.
1
=
When the CAL_MODE bit is set, set the CAL_UPDATE bit to enable update of power and energy
registers starting on next line cycle. Bit = 1 Single Point Phase Correction.
0
=
When the CAL_MODE bit is set and the CAL_UPDATE bit has been set, the CAL_UPDATE bit
will be cleared after LINE_CYC line cycles. At that point, all registers will be updated and no
further updates will be done until the CAL_UPDATE bit is set again, or the CAL_MODE bit is
cleared.
bit 0
CAL_MODE: Calibration Mode bit
This bit enables Calibration mode.
1
=
Calibration mode enabled
0
=
Calibration mode disabled
Note 1:
This register is used in Multi-Point and Single-Point Calibration modes only.
Name
Bits
Cof
LINE_CYC
16
R/W
REGISTER 3-3:
CAL_CONTROL REGISTER (CONTINUED)(NOTE 1)
Name
Bits
Cof
LINE_CYC_CNT
16
R
Name
Bits
Cof
RAW2_I_RMS
64
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com