Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3901
Description  Energy Meter Reference Design
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3901_12 Datasheet HTML 9Page - Microchip Technology MCP3901_12 Datasheet HTML 10Page - Microchip Technology MCP3901_12 Datasheet HTML 11Page - Microchip Technology MCP3901_12 Datasheet HTML 12Page - Microchip Technology MCP3901_12 Datasheet HTML 13Page - Microchip Technology MCP3901_12 Datasheet HTML 14Page - Microchip Technology MCP3901_12 Datasheet HTML 15Page - Microchip Technology MCP3901_12 Datasheet HTML 16Page - Microchip Technology MCP3901_12 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
MCP3901 AND PIC18F65J90
ENERGY METER
REFERENCE DESIGN
© 2012 Microchip Technology Inc.
DS51968A-page 13
Chapter 2. Hardware
2.1
OVERVIEW
Figures 2-1 and 2-2 show the MCP3901 and PIC18F65J90 and Energy Meter
Reference Design:
FIGURE 2-1:
Top View – Hardware Components.
DANGER
HIGH VOLTAGE
MCP3901 / PIC18F65J90 SHUNT METER
J2
U1
D1
D9D8
D3
D2
J3
LCD1
P1
J4
SW2
SW1
SW3
1
2
4
5
10
9
8
7
6
Legend:
1
=
IR for meter communication
7
=
Push button Switches
2
=
Test points
8
=
9-digit LCD Display with icons for kWh and kVARh
3
=
MCP3901 Analog Front End
9
=
Pulse Output for Active and Reactive
(isolated)
4
=
+9V DC Input (non-isolated)
10
=
USB Connection (isolated)
5
=
Connections to shunt
current sensing resistor
6
=
Connections to Line and Neutral
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com