Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UX60SC-MB-5ST Datasheet(PDF) 25 Page - Microchip Technology

Part # UX60SC-MB-5ST
Description  Breakout Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UX60SC-MB-5ST Datasheet(HTML) 25 Page - Microchip Technology

Back Button UX60SC-MB-5ST Datasheet HTML 18Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 19Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 20Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 21Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 22Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 23Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 24Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 25Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
MCP2210 BREAKOUT MODULE
USER’S GUIDE
© 2012 Microchip Technology Inc.
DS52056A-page 25
Appendix B. Bill of Materials
TABLE B-1:
BILL OF MATERIALS
Qty
Designator
Description_
Manufacturer 1
Part Number
1
C1
Cap. Cerm. 22 uF 10V 20% Y5V 1206
TDK®Corporation
C3216Y5V1A226Z
3
C2, C4, C5
Cap. Cerm .1 uF 10% 16V X7R 0603
AVX Corporation
0603YC104KAT2A
1
C3
Cap. Cerm. 4.7 uF 6.3V 10% X5R 0603
TDK Corporation
C1608X5R0J475K
1
C6
Cap. Cerm. 1 uF 16V 10% X7R 0603
TDK Corporation
C1608X7R1C105K
2J1, J2
DO NOT POPULATE
Conn. Hdr. Male .100 1x7 Pos. Vertical
Tyco® Electronics
HDR M 1x7 Vertical
1J3
DO NOT POPULATE
Conn. Hdr. Male .100 1x6 Pos. Vertical
Tyco Electronics
HDR M 1x6 Vertical
1J4
DO NOT POPULATE
Conn. Hdr. Male .100 1x3 Pos. Vertical
Tyco Electronics
HDR M 1x3 Vertical
1
J5
Conn. Rcpt. USB Mini B R/A SMD
Hirose Electric Co. Ltd.
UX60SC-MB-5ST(80)
1
R1
Res. 390 Ohm 1/10W 5% 0603 SMD
Panasonic® - ECG
ERJ-3GEYJ391V
1
U1
IC USB-TO-SPI SSOP-20
Microchip Technology
Inc.
MCP2210-I/SS
1
U2
IC LDO Reg. 500 mA 3.3V SOT-223-3
Microchip Technology
Inc.
MCP1825S-3302E/DB
1
X1
Cer. Resonator 12.0 MHz SMD
Murata Electronics®
CSTCE12M0G55-R0
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com