Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UX60SC-MB-5ST Datasheet(PDF) 12 Page - Microchip Technology

Part # UX60SC-MB-5ST
Description  Breakout Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UX60SC-MB-5ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button UX60SC-MB-5ST Datasheet HTML 8Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 9Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 10Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 11Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 12Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 13Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 14Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 15Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCP2210 Breakout Module User’s Guide
DS52056A-page 12
© 2012 Microchip Technology Inc.
2.3
BOARD OPERATION
The MCP2210 will be detected by a Windows PC host as an HID device. The
accompanying software can be used to exercise the MCP2210 Breakout Module’s
features and also provides a reference point for users that want to design their own
applications based on the MCP2210 device.
2.3.1
MCP2210 Breakout Board Operation
The MCP2210 Breakout Module can be used as a stand-alone USB-to-SPI (Master)
bridge module. The breakout board provides all the signals required to assist the user
in building their boards with the MCP2210.
The board has the following features:
• SPI bus signals (MOSI, MISO, SCK)
• Nine GP signals that can be configured for:
- GPIO functionality (digital input or output pins)
- Chip Select functionality (working with the SPI bus signals)
- Dedicated function pins
• Jumper selectable power supply: 3.3 or 5V (up to 500 mA)
• PICkit™ Serial Analyzer header using GP4 pin as Chip Select signal
• DIP form-factor (0.6 inches overall row spacing between pins)
By using the provided software and libraries, the user can create personalized PC
applications, using the breakout board as a USB-to-SPI (Master) bridge adapter.
2.3.2
MCP2210 Utility
The MCP2210 Utility software was created for custom device setting requirements. A
few of the settings that this utility can alter include VID, PID, power requirements, and
string descriptors. A download link for this software can be found on the board web
page. For instructions on the use of this software, refer to the software’s supporting
documentation included within the application install package.
2.3.3
SPI Terminal Utility
The SPI Terminal Utility is a tool that allows low-level data exchange at the SPI bus
level. This application is useful for low-level communication and troubleshooting
between the MCP2210 and various SPI slave modules.
The utility window has different sections for GP designation, SPI transfer parameters
and user data areas.
Note:
This function is available only on SPI operations, it does not work on I2C or
UART signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com