Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD7450AR
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7450AR Datasheet HTML 9Page - Analog Devices AD7450AR Datasheet HTML 10Page - Analog Devices AD7450AR Datasheet HTML 11Page - Analog Devices AD7450AR Datasheet HTML 12Page - Analog Devices AD7450AR Datasheet HTML 13Page - Analog Devices AD7450AR Datasheet HTML 14Page - Analog Devices AD7450AR Datasheet HTML 15Page - Analog Devices AD7450AR Datasheet HTML 16Page - Analog Devices AD7450AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–13–
AD7450
TITLE
0
0
0
00
0
00
0
0
Figure 8. Input Common Mode Range (CM) versus VREF
(Vdd = 5V and VREF (max) = 2.5V)
-1
0
1
2
3
4
5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
VREF
2.8
0.9
Figure 9. Input Common Mode Range versus VREF
(Vdd = 5V and VREF (max) = 2.5V) when Driving VIN+ and VIN-
with the AD8138 Differential Amplifier
Figure 10 shows examples of the inputs to VIN+ and VIN-
for different values of VREF for VDD = 5 V. It also gives
the maximum and minimum common mode voltages for
each reference value according to figure 8.
Reference = 0.625 V (VREFmax/4)
0.625 V peak to peak
Common Mode (CM)
CMmin=0.275 V
CMmax=3.8 V
Reference = 1.25 V (VREFmax/2)
1.25 V peak to peak
Common Mode (CM)
CMmin=0.85 V
CMmax=3.55 V
Reference = 2.5 V (VREFmax)
2.5 V peak to peak
Common Mode (CM)
CMmin=2 V
CMmax=3 V
Figure 10. Examples of the Analog Inputs to VIN+ and VIN-
for Different Values of VREF for VDD = 5 V.
Analog Input Structure
Figure 11 shows the equivalent circuit of the analog input
structure of the AD7450.
The four diodes provide ESD
protection for the analog inputs.
Care must be taken to
ensure that the analog input signals never exceed the sup-
ply rails by more than 200mV.
This will cause these
diodes to become forward biased and start conducting into
the substrate.
These diodes can conduct up to 10mA with-
out causing irreversible damage to the part.
The capacitors C1, in figure 11 are typically 4pF and can
primarily be attributed to pin capacitance.
The resistors
are lumped components made up of the on-resistance of
the switches. The value of these resistors is typically about
100 .
The capacitors, C2, are the ADC’s sampling ca-
pacitors and have a capacitance of 16pF typically.
For ac applications, removing high frequency components
from the analog input signal is recommended by the use of
an RC low-pass filter on the relevant analog input pins.
In applications where harmonic distortion and signal to
noise ratio are critical, the analog input should be driven
from a low impedance source. Large source impedances
will significantly affect the ac performance of the ADC.
This may necessitate the use of an input buffer amplifier.
The choice of the opamp will be a function of the particu-
lar application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com