Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD7450AR
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7450AR Datasheet HTML 16Page - Analog Devices AD7450AR Datasheet HTML 17Page - Analog Devices AD7450AR Datasheet HTML 18Page - Analog Devices AD7450AR Datasheet HTML 19Page - Analog Devices AD7450AR Datasheet HTML 20Page - Analog Devices AD7450AR Datasheet HTML 21Page - Analog Devices AD7450AR Datasheet HTML 22Page - Analog Devices AD7450AR Datasheet HTML 23Page - Analog Devices AD7450AR Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–21–
AD7450
MICROPROCESSOR AND DSP INTERFACING
The serial interface on the AD7450 allows the part to be
directly connected to a range of different microproces-
sors. This section explains how to interface the AD7450
with some of the more common microcontroller and DSP
serial interface protocols.
AD7450 to ADSP21xx
The ADSP21xx family of DSPs are interfaced directly to
the AD7450 without any glue logic required.
The SPORT control register should be set up as follows:
TFSW = RFSW = 1, Alternate Framing
INVRFS = INVTFS = 1, Active Low Frame Signal
DTYPE = 00, Right Justify Data
SLEN = 1111, 16-Bit Data words
ISCLK = 1, Internal serial clock
TFSR = RFSR = 1, Frame every word
IRFS = 0,
ITFS = 1.
To implement the power-down mode SLEN should be
set to 1001 to issue an 8-bit SCLK burst.
The connection diagram is shown in Figure 25. The
ADSP21xx has the TFS and RFS of the SPORT tied
together, with TFS set as an output and RFS set as an
input. The DSP operates in Alternate Framing Mode and
the SPORT control register is set up as described. The
Frame Synchronisation signal generated on the TFS is
tied to
CS and as with all signal processing applications
equidistant sampling is necessary. However, in this ex-
ample, the timer interrupt is used to control the sampling
rate of the ADC and under certain conditions, equidistant
sampling may not be acheived.
.
AD7450*
SCLK
SDATA
CS
SCLK
DR
RFS
TFS
ADSP21xx*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 25. Interfacing to the ADSP 21xx
AD7450 to TMS320C5x/C54x
The serial interface on the TMS320C5x/C54x uses a
continuous serial clock and frame synchronization signals
to synchronize the data transfer operations with peripheral
devices like the AD7450. The
CS input allows easy
interfacing between the TMS320C5x/C54x and the
AD7450 without any glue logic required. The serial port
of the TMS320C5x/C54x is set up to operate in burst
mode with internal CLKX (TX serial clock) and FSX
(TX frame sync). The serial port control register (SPC)
must have the following setup: FO = 0, FSM = 1, MCM
= 1 and TXM = 1. The format bit, FO, may be set to 1
to set the word length to 8-bits, in order to implement the
power-down mode on the AD7450. The connection dia-
gram is shown in Figure 26. It should be noted that for
signal processing applications, it is imperative that the
frame synchronisation signal from the TMS320C5x/C54x
will provide equidistant sampling.
AD7450*
SCLK
SDATA
CS
CLKX
FSR
TMS320C5x/C54x*
*ADDITIONAL PINS OMITTED FOR CLARITY
CLKR
DR
FSX
Figure 26. Interfacing to the TMS320C5x/C54x
The timer registers etc., are loaded with a value which
will provide an interrupt at the required sample interval.
When an interrupt is received, a value is transmitted with
TFS/DT (ADC control word). The TFS is used to con-
trol the RFS and hence the reading of data. The frequency
of the serial clock is set in the SCLKDIV register. When
the instruction to transmit with TFS is given, (i.e.
AX0=TX0), the state of the SCLK is checked. The DSP
will wait until the SCLK has gone High, Low and High
before transmission will start. If the timer and SCLK val-
ues are chosen such that the instruction to transmit occurs
on or near the rising edge of SCLK, then the data may be
transmitted or it may wait until the next clock edge.
For example, the ADSP-2111 has a master clock fre-
quency
of 16MHz. If the SCLKDIV register is loaded
with the value 3 then a SCLK of 2MHz is obtained, and 8
master clock periods will elapse for every 1 SCLK period.
If the timer registers are loaded with the value 803, then
100.5 SCLKs will occur between interrupts and subse-
quently between transmit instructions. This situation will
result in non-equidistant sampling as the transmit instruc-
tion is occuring on a SCLK edge. If the number of
SCLKs between interrupts is a whole integer figure of N
then equidistant sampling will be implemented by the
DSP.
AD7450 to MC68HC16
The Serial Peripheral Interface (SPI) on the MC68HC16
is configured for Master Mode (MSTR = 1), Clock Polar-
ity Bit (CPOL) = 1 and the Clock Phase Bit (CPHA) = 0.
The SPI is configured by writing to the SPI Control Reg-
ister (SPCR) - see 68HC16 user manual. The serial
transfer will take place as a 16-bit operation when the
SIZE bit in the SPCR register is set to SIZE = 1. To
implement the power-down modes with an 8-bit transfer
set SIZE = 0. A connection diagram is shown in figure
27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com