Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 8Page - Analog Devices AD7450ARM Datasheet HTML 9Page - Analog Devices AD7450ARM Datasheet HTML 10Page - Analog Devices AD7450ARM Datasheet HTML 11Page - Analog Devices AD7450ARM Datasheet HTML 12Page - Analog Devices AD7450ARM Datasheet HTML 13Page - Analog Devices AD7450ARM Datasheet HTML 14Page - Analog Devices AD7450ARM Datasheet HTML 15Page - Analog Devices AD7450ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–12–
AD7450
100...000
+VREF -1LSB
100...001
100...010
111...111
000...000
000...001
011...110
011...111
-VREF +1LSB
0LSB
1LSB = 2xVREF/4096
ANALOG INPUT
(VIN+-VIN-)
Figure 5. AD7450 Ideal Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 6 shows a typical connection diagram for the
AD7450 for both 5 V and 3 V supplies.
In this setup the
GND pin is connected to the analog ground plane of the
system.
The VREF pin is connected to either a 2.5 V or a
1.25 V decoupled reference source depending on the
power supply, to set up the analog input range. The com-
mon mode voltage has to be set up externally and is the
value that the two inputs are centered on. For more details
on driving the differential inputs and setting up the com-
mon mode, see the ‘Driving Differential Inputs’ section.
The conversion result for the ADC is output in a 16-bit
word consisting of four leading zeros followed by the
MSB of the 12-bit result. For applications where power
consumption is of concern, the power-down mode should
be used between conversions or bursts of several conver-
sions to improve power performance. See ‘Modes of
Operation’ section.
CM*
CM*
* CM - COMMON MODE VOLTAGE
VIN+
VIN-
VDD
SCLK
SDATA
CS
GND
VREF
µC/µP
SERIAL
INTERFACE
+3V/+5V
SUPPLY
1.25V/2.5V
VREF
0.1µF
0.1µF
10µF
AD7450
VREF
P-to-P
VREF
P-to-P
Figure 6. Typical Connection Diagram
THE ANALOG INPUT
The analog input of the AD7450 is fully differential.
Dif-
ferential signals have a number of benefits over single
ended signals including noise immunity based on the
device’s common mode rejection, improvements in distor-
tion performance, doubling of the device’s available
dynamic range and flexibility in input ranges and bias
points.
Figure 7 defines the fully differential analog input of the
AD7450.
VIN+
AD7450
VIN-
VREF
P-to-P
VREF
P-to-P
COMMON
MODE
VOLTAGE
Figure 7. Differential Input Definition
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN- pins (i.e.
VIN+ - VIN-).
VIN+ and VIN- are simultaneously driven by
two signals each of amplitude VREF that are 180° out of
phase. The amplitude of the differential signal is therefore
-VREF to +VREF peak-to-peak (i.e. 2 x VREF). This is re-
gardless of the common mode (CM). The common mode
is the average of the two signals, i.e. (VIN+ + VIN-)/2 and
is therefore the voltage that the two inputs are centered on.
This results in the span of each input being CM ± VREF/2.
This voltage has to be set up externally and its range var-
ies with VREF. As the value of VREF increases, the
common mode range decreases.
When driving the inputs
with an amplfier, the actual common mode range will be
determined by the amplifier’s output voltage swing.
Figure 8 shows how the common mode range varies with
VREF for a 5 V power supply and figure 9 shows an ex-
ample of the common mode range when using the
AD8138 differential amplifer to drive the analog inputs.
The common mode must be in this range to guarantee the
specifications.
With a 3V power supply, the Common
Mode range is TBD.
For ease of use, the common mode can be set up to be
equal to VREF, resulting in the differential signal being
±VREF centered on VREF.
When a conversion takes place,
the common mode is rejected resulting in a virtually noise
free signal of amplitude -VREF to +VREF corresponding to
he digital codes of 0 to 4095.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com