Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 12Page - Analog Devices AD7450ARM Datasheet HTML 13Page - Analog Devices AD7450ARM Datasheet HTML 14Page - Analog Devices AD7450ARM Datasheet HTML 15Page - Analog Devices AD7450ARM Datasheet HTML 16Page - Analog Devices AD7450ARM Datasheet HTML 17Page - Analog Devices AD7450ARM Datasheet HTML 18Page - Analog Devices AD7450ARM Datasheet HTML 19Page - Analog Devices AD7450ARM Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–16–
AD7450
C
EXTERNAL
VREF (2.5V)
R
R
R
VREF
VIN+
AD7450
VIN-
2.5V
3.75V
1.25V
2.5V
3.75V
1.25V
Figure 16. Using an RF Transformer to Generate
Differential Inputs
REFERENCE SECTION
An external reference source is required to supply the
reference to the AD7450.
This reference input can range
from 100 mV to 2.5 V.
With a 5V power supply, the
specified and maximum reference is 2.5V.
With a 3V
power supply, the specified reference is 1.25V and the
maximum reference is 2.2V. In both cases, the reference is
functional from 100mV. It is important to note that as the
reference input moves closer to the maximum reference
input, the performance improves.
When operating the
device from VDD = 2.7V to 3.3V, the maximum analog
input range (VINmax) must never be greater than VDD +
0.3V to comply with the maximum ratings of the device.
For example:
VINmax = VDD + 0.3
VINmax = VREF + VREF/2
If VDD = 3.3V
then VINmax = 3.6 V
Therefore 3xVREF/2 = 3.6 V
VREF max = 2.4 V
Therefore, when operating at VDD = 3.3 V, the value of
VREF can range from 100mV to a maximum value of 2.4V.
When VDD = 2.7 V, VREF max = 2 V.
When operating from VDD = 4.75 V to 5.25 V, there is
no need to worry about the maximum analog input
in
relation to VDD as the maximum VREF is 2.5 V resulting
the maximum analog input span being 3.75 V which is not
close to VDD.
The performance of the part at different reference values is
shown in TPC9 to TPC13 and in TPC16 and TPC17.
The value of the reference sets the analog input span and
the common mode voltage range. Errors in the reference
source will result in gain errors in the AD7450 transfer
function and will add to specified full scale errors on the
part.
A capacitor of 0.1µF should be used to decouple the
VREF pin to GND. Table I lists examples of suitable volt-
age references that could be used that are available from
Analog Devices and Figure 17 shows a typical connection
diagram for the VREF pin.
Table I Examples of Suitable Voltage References
Reference Output
Initial
Operating
Voltage
Accuracy
Current
(% max)
(µA)
AD589
1.235
1.2-2.8
50
AD1580
1.225
0.08-0.8
50
REF192
2.5
0.08-0.4
45
REF43
2.5
0.06-0.1
600
AD780
2.5
0.04-0.2
1000
VREF
AD7450*
VDD
1
2
3
4
5
6
7
8
VIN
Temp
GND
Trim
Vout
OpSel
0.1µF
NC
NC
NC
NC
VDD
0.1µF
0.1µF
10nF
*ADDITIONA L PINS OMITTED FOR CLARITY
AD780
Figure 17. Typical VREF Connection Diagram
SINGLE ENDED OPERATION
When supplied with a 5 V power supply, the AD7450 can
handle a single ended input.
The design of this part is
optimized for differential operation so with a single ended
input performance will degrade. Linearity will degrade by
typically 0.2LSBs, Zero Code and the Full Scale Errors
will degrade by typically 2LSBs and AC performance is
not guaranteed.
To operate the AD7450 in single ended mode, the VIN+
input is coupled to the signal source while the VIN- input is
biased to the appropriate voltage corresponding to the
mid-scale code transition.
This voltage is the Common
Mode, which is a fixed dc voltage (usually the reference).
The VIN+ input swings around this value and should have
voltage span of 2 x VREF to make use of the full dynamic
range of the part. The input signal will therefore have peak
to peak values of Common Mode ±VREF.
If the analog
input is unipolar then an opamp in a non-inverting
unity gain configuration can be used to drive the VIN+ pin.
Because the ADC operates from a single supply, it will be
necessary to level shift ground based bipolar signals to
comply with the input requirements.
An opamp can be
configured to rescale and level shift the ground based bi-
polar signal so it is compatible with the selected input
range of the AD7450 (see Figure 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com