Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7484
Description  3MSPS, 14-Bit SAR ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7484 Datasheet HTML 3Page - Analog Devices AD7484 Datasheet HTML 4Page - Analog Devices AD7484 Datasheet HTML 5Page - Analog Devices AD7484 Datasheet HTML 6Page - Analog Devices AD7484 Datasheet HTML 7Page - Analog Devices AD7484 Datasheet HTML 8Page - Analog Devices AD7484 Datasheet HTML 9Page - Analog Devices AD7484 Datasheet HTML 10Page - Analog Devices AD7484 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA
AD7484
– 7 –
CIRCUIT DESCRIPTION
CONVERTER OPERATION
The AD7484 is a 14-bit error correcting successive ap-
proximation analog-to-digital converter based around a
capacitive DAC. It provides the user with track/hold, refer-
ence, A/D converter and versatile interface logic functions
on a single chip. The normal analog input signal range that
the AD7484 can convert is 0 to 2.5 Volts. By using the
offset and overrange features on the ADC, the AD7484 can
convert analog input signals from -200mV to +2.7V while
operating from a single +5V supply. The part requires a
+2.5V reference which can be provided from the part’s own
internal reference or an external reference source. Figure 1
shows a very simplified schematic of the ADC. The Control
Logic, SAR and the Capacitive DAC are used to add and
subtract fixed amounts of charge from the sampling capaci-
tor to bring the comparator back to a balanced condition.
Figure 1. Simplified Block Diagram of AD7484
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
-
SW1
SW2
AGND
VIN
A
B
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
-
SW1
SW2
AGND
VIN
A
B
Figure 2. ADC Conversion Phase
Figure 3. ADC Acquisition Phase
At the end of conversion, the track/hold returns to track-
ing mode and the acquisition time begins. The track/hold
acquisition time is TBD nS. Figure 3 shows the ADC
during its acquistition phase. SW2 is closed and SW1 is
in position A. The comparator is held in a balanced con-
dition and the sampling capacitor
acquires the signal on
VIN.
Conversion is initiated on the AD7484 by pulsing the
CONVST input. On the falling edge of CONVST, the
track/hold goes from track to hold mode and the conversion
sequence is started. Conversion time for the part is TBD
nS. Figure 2 shows the ADC during conversion. When
conversion starts, SW2 will open and SW1 will move to
position B causing the comparator to become unbalanced.
The ADC then runs through its successive approximation
routine and brings the comparator back into a balanced
condition. When the comparator is rebalanced, the conver-
sion result is available in the SAR register.
ADC TRANSFER FUNCTION
The output coding of the AD7484 is straight binary. The
designed code transitions occur midway between successive
integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, etc.). The
LSB size is VREF / 16384. The nominal transfer characteris-
tic for the AD7484 in shown in figure 4 below. This
transfer characteristic may be shifted as detailed in the Off-
set/Overrange section.
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
0.5LSB
+VREF-1.5LSB
1LSB = VREF/16384
Figure 4. AD7484 Transfer Characteristic
SAR
14-BIT PARALLEL
CAPACITIVE
DAC
COMPARATOR
OUTPUT DATA
CONTROL LOGIC
CONTROL
INPUTS
SWITCHES
VIN
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com