Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7484
Description  3MSPS, 14-Bit SAR ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484 Datasheet(HTML) 3 Page - Analog Devices

  AD7484 Datasheet HTML 1Page - Analog Devices AD7484 Datasheet HTML 2Page - Analog Devices AD7484 Datasheet HTML 3Page - Analog Devices AD7484 Datasheet HTML 4Page - Analog Devices AD7484 Datasheet HTML 5Page - Analog Devices AD7484 Datasheet HTML 6Page - Analog Devices AD7484 Datasheet HTML 7Page - Analog Devices AD7484 Datasheet HTML 8Page - Analog Devices AD7484 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA
–3–
AD7484
Parameter
Specification
Units
Test Conditions/Comments
POWER REQUIREMENTS
(continued)
Power Dissipation
Normal Mode (Operational)
90
mW max
NAP Mode
5
mW max
Standby Mode
5
µW max
NOTES
1Temperature ranges as follows: –40°C to +85°C.
2See Terminology
3Sample tested @ +25°C to ensure compliance
Specifications subject to change without notice.
TIMING CHARACTERISTICS 1,2
Parameter
Symbol
Min
Typ
Max
Units
(VDD = 5 V ±5%, AGND = DGND = 0 V, VREF = Internal;
All specifications TMIN to TMAX and valid for VDRIVE = 2.7 V to 5.25 V unless otherwise noted)
Data Read
Acquisition Time
tACQ
TBD
ns
Conversion Time
tCONV
TBD
ns
Quiet Time before Conversion start
tQUIET
TBD
ns
Quiet Time during Conversion
tQUIET2
TBD
ns
CONVST Pulse Width
t1
TBD
ns
CONVST falling edge to BUSY falling edge
t2
TBD
TBD
ns
CS falling edge to RD falling edge
t3
TBD
ns
Bus Access Time
t4
TBD
ns
CONVST falling edge to new Data valid
t5
TBD
ns
BUSY rising edge to new Data valid
t6
TBD
ns
Bus Relinquish Time
t7
TBD
ns
RD rising edge to CS rising edge
t8
TBD
ns
Data Write
WRITE Pulse Width
t9
TBD
ns
Data Setup time
t10
TBD
ns
Data Hold time
t11
TBD
ns
CS falling edge to WRITE rising edge
t12
TBD
ns
WRITE falling edge to
CS rising edge
t13
TBD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com