Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD75004 Datasheet(PDF) 1 Page - Analog Devices

Part # AD75004
Description  Quad 12-Bit D/A Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD75004 Datasheet(HTML) 1 Page - Analog Devices

  AD75004 Datasheet HTML 1Page - Analog Devices AD75004 Datasheet HTML 2Page - Analog Devices AD75004 Datasheet HTML 3Page - Analog Devices AD75004 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FUNCTIONAL BLOCK DIAGRAM
VOLTAGE
REFERENCE
TTL
INPUTS
8-BIT
BUS
INPUT
LATCHES
DAC
LATCHES
+5V
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL LOGIC
TTL INPUTS
A3 A2 A1 A0
2.22k
+12V
10k
V REFOUT
V REFIN
CS WR
VOUT3
VOUT2
VOUT1
VOUT0
V DD
VSS
AGND
DGND
8 + 4-BIT
LATCHES
8 + 4-BIT
LATCHES
8 + 4-BIT
LATCHES
8 + 4-BIT
LATCHES
12-BIT
LATCH
–12V
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
LATCH
12-BIT
LATCH
12-BIT
LATCH
10k
10k
10k
AD75004
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Quad 12-Bit
D/A Converter
AD75004
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD75004 contains four complete, voltage output, 12-bit
digital-to-analog converters, a high stability bandgap reference,
and double-buffered input latches on a single chip. The convert-
ers use 12 precision high speed bipolar current steering switches
and laser-trimmed thin-film resistor networks to provide fast
settling time and high accuracy.
Microprocessor compatibility is achieved by the on-chip
double-buffered latches. The design of the input latches allows
direct interface to 8-bit buses. The 12 bits of data from the first
rank of latches can then be transferred to the second rank,
avoiding generation of spurious analog output values. The latch
responds to strobe pulses as short as 50 ns, allowing use with
fast microprocessors.
The functional completeness and high performance of the
AD75004 results from a combination of advanced switch de-
sign, the BiMOS II fabrication process, and proven laser trim-
ming technology. BiMOS II is an epitaxial BiCMOS process
optimized for analog and converter functions. The AD75004 is
trimmed at the wafer level and is specified to
±1/2 LSB maxi-
mum linearity error at 25
°C and ±3/4 LSB over the full operat-
ing temperature range. The on-chip output amplifiers provide
an output range of
±5 V, with 1 LSB equal to 2.44 mV.
FEATURES
4 Complete 12-Bit D/A Functions
Double-Buffered Latches
Simultaneous Update of All DACs Possible
5 V Output Range
High Stability Bandgap Reference
Monolithic BiMOS Construction
Guaranteed Monotonic over Temperature
3/4 LSB Linearity Guaranteed over Temperature
4
s max Settling Time to 0.01%
Operates with
12 V Supplies
Low Power: 720 mW max Including Reference
TTL/5 V CMOS Compatible Logic Inputs
8-Bit Microprocessor Interface
24-Pin PDIP or 28-Lead PLCC Package
The bandgap reference on the chip has low noise, long term
stability and temperature drift characteristics comparable to
discrete reference diodes. The absolute value of the reference is
laser trimmed to +5.00 V with 0.6% maximum error. Its tem-
perature coefficient is also laser trimmed.
Typical full-scale gain TC is 15 ppm/
°C. With guaranteed
monotonicity over the full temperature range, the AD75004 is
well suited for wide temperature range performance.


Similar Part No. - AD75004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
Quad 12-Bit D/A Converter
REV. A
More results

Similar Description - AD75004

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
Quad, 12-Bit, Voltage Output D/A Converter
logo
Analog Devices
AD390 AD-AD390 Datasheet
133Kb / 3P
Quad 12-Bit Microprocessor-Compatible D/A Converter
AD394 AD-AD394 Datasheet
605Kb / 8P
uP Compatible Multiplying Quad 12-Bit D/A Converter
AD394KD AD-AD394KD Datasheet
626Kb / 12P
Up-Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
5962-8850902XA AD-5962-8850902XA Datasheet
1Mb / 3P
Quad 12-Bit Microprocessor Compatible D/A Converter
REV. A
5962-8850902XA AD-5962-8850902XA Datasheet
1Mb / 3P
Quad 12-Bit Microprocessor - Compatible D/A Converter
REV. A
AD390 AD-AD390_15 Datasheet
1Mb / 3P
QUAD 12 BIT MICROPROCESSOR COMPATIBLE D/A CONVERTER
REV. A
AD394 AD-AD394_15 Datasheet
626Kb / 12P
Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
Quad 12-Bit D/A Converter
REV. A
AD390 AD-AD390_17 Datasheet
1Mb / 4P
Quad 12-Bit Microprocessor-Compatible D/A Converter
23-Feb-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com