Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7477ART Datasheet(PDF) 5 Page - Analog Devices

Part # AD7477ART
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477ART Datasheet(HTML) 5 Page - Analog Devices

  AD7477ART Datasheet HTML 1Page - Analog Devices AD7477ART Datasheet HTML 2Page - Analog Devices AD7477ART Datasheet HTML 3Page - Analog Devices AD7477ART Datasheet HTML 4Page - Analog Devices AD7477ART Datasheet HTML 5Page - Analog Devices AD7477ART Datasheet HTML 6Page - Analog Devices AD7477ART Datasheet HTML 7Page - Analog Devices AD7477ART Datasheet HTML 8Page - Analog Devices AD7477ART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. D
AD7476/AD7477/AD7478
–5–
TIMING SPECIFICATIONS1, 2 (V
DD = 2.35 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.)
Limit at TMIN, TMAX
AD7476/AD7477/AD7478
Parameter
3 V
3
5V
3
Unit
Description
fSCLK
4
10
10
kHz min
20
20
MHz max
A Version
12
12
MHz max
B Version
tCONVERT
16
× tSCLK
16
× tSCLK
tQUIET
50
50
ns min
Minimum Quiet Time Required between Bus Relinquish and
Start of Next Conversion
t1
10
10
ns min
Minimum
CS Pulsewidth
t2
10
10
ns min
CS to SCLK Setup Time
t3
5
20
20
ns max
Delay from
CS until SDATA Three-State Disabled
t4
5
40
20
ns max
Data Access Time after SCLK Falling Edge, A Version
70
20
ns max
Data Access Time after SCLK Falling Edge, B Version
t5
0.4
× t
SCLK
0.4
× t
SCLK
ns min
SCLK Low Pulsewidth
t6
0.4
× tSCLK
0.4
× tSCLK
ns min
SCLK High Pulsewidth
t7
10
10
ns min
SCLK to Data Valid Hold Time
t8
6
10
10
ns min
SCLK Falling Edge to SDATA High Impedance
25
25
ns max
SCLK Falling Edge to SDATA High Impedance
tPOWER-UP
7
11
µs typ
Power-Up Time from Full Power-Down
NOTES
1Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
2A Version timing specifications apply to the AD7477 S Version and AD7478 S Version; B Version timing specifications apply to the AD7476 S Version.
33 V specifications apply from V
DD = 2.7 V to 3.6 V for A Version; 3 V specifications apply from V DD = 2.35 V to 3.6 V for B Version; 5 V specifications apply from
VDD = 4.75 V to 5.25 V.
4Mark/Space ratio for the SCLK input is 40/60 to 60/40.
5Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.0 V.
6t
8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated
to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the Timing Specifications is the true bus relinquish time
of the part and is independent of the bus loading.
7See Power-Up Time section.
Specifications subject to change without notice.
200 A
IOL
200 A
IOH
CL
50pF
TO OUTPUT
PIN
1.6V
Figure 1. Load Circuit for Digital Output Timing
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com