Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7477ART Datasheet(PDF) 12 Page - Analog Devices

Part # AD7477ART
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477ART Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7477ART Datasheet HTML 8Page - Analog Devices AD7477ART Datasheet HTML 9Page - Analog Devices AD7477ART Datasheet HTML 10Page - Analog Devices AD7477ART Datasheet HTML 11Page - Analog Devices AD7477ART Datasheet HTML 12Page - Analog Devices AD7477ART Datasheet HTML 13Page - Analog Devices AD7477ART Datasheet HTML 14Page - Analog Devices AD7477ART Datasheet HTML 15Page - Analog Devices AD7477ART Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. D
–12–
AD7476/AD7477/AD7478
INPUT FREQUENCY – Hz
–50
10k
–55
–60
–65
–70
–75
100k
1M
–80
–85
–90
VDD = 2.35V
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
Figure 9. THD vs. Analog Input Frequency, fS = 993 kSPS
INPUT FREQUENCY – Hz
–72
10k
–74
–76
–78
–80
100k
1M
–82
–84
VDD = 2.35V
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
Figure 10. THD vs. Analog Input Frequency, fS = 605 kSPS
Digital Inputs
The digital inputs applied to the AD7476/AD7477/AD7478 are
not limited by the maximum ratings that limit the analog inputs.
Instead, the digital inputs applied can go to 7 V and are not
restricted by the VDD + 0.3 V limit as on the analog inputs. For
example, if the AD7476/AD7477/AD7478 were operated with a
VDD of 3 V, then 5 V logic levels could be used on the digital
inputs. However, it is important to note that the data output on
SDATA will still have 3 V logic levels when VDD = 3 V. Another
advantage of SCLK and
CS not being restricted by the V
DD +
0.3 V limit is the fact that power supply sequencing issues are
avoided. If
CS or SCLK is applied before V
DD, there is no risk of
latch-up as there would be on the analog inputs if a signal greater
than 0.3 V was applied prior to VDD.
MODES OF OPERATION
The mode of operation of the AD7476/AD7477/AD7478 is
selected by controlling the (logic) state of the
CS signal during a
conversion. There are two possible modes of operation, Normal
mode and Power-Down mode. The point at which
CS is pulled
high after the conversion has been initiated will determine whether
or not the AD7476/AD7477/AD7478 will enter Power-Down
mode. Similarly, if already in power-down,
CS can control
whether the device will return to normal operation or remain in
power-down. These modes of operation are designed to provide
flexible power management options. These options can be chosen
to optimize the power dissipation/throughput rate ratio for different
application requirements.
Normal Mode
This mode is intended for fastest throughput rate performance,
as the user does not have to worry about any power-up times
with the AD7476/AD7477/AD7478 remaining fully powered all
the time. Figure 11 shows the general diagram of the operation
of the AD7476/AD7477/AD7478 in this mode.
The conversion is initiated on the falling edge of
CS as described
in the Serial Interface section. To ensure the part remains fully
powered up at all times,
CS must remain low until at least 10
SCLK falling edges have elapsed after the falling edge of
CS. If
CS is brought high any time after the tenth SCLK falling edge,
but before the sixteenth SCLK falling edge, the part will remain
powered up but the conversion will be terminated and SDATA
will go back into three-state. Sixteen serial clock cycles are
required to complete the conversion and access the complete
4 LEADING ZEROS + CONVERSION RESULT
CS
SCLK
SDATA
1
10
16
Figure 11. Normal Mode Operation
1
10
16
2
THREE-STATE
CS
SCLK
SDATA
Figure 12. Entering Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com