Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF26-80A-R11B Datasheet(PDF) 4 Page - DDK Ltd.

Part # FF26-80A-R11B
Description  Ultra-low profile FPC connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF26-80A-R11B Datasheet(HTML) 4 Page - DDK Ltd.

  FF26-80A-R11B Datasheet HTML 1Page - DDK Ltd. FF26-80A-R11B Datasheet HTML 2Page - DDK Ltd. FF26-80A-R11B Datasheet HTML 3Page - DDK Ltd. FF26-80A-R11B Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Unit:mm
FF26 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
Your catalogue checking the latest specifications with our drawings would be highly appreciated.
○Package Specifications
■Reel Dimensions
■ Emboss tape Dimensions
■ Quantity : 4000pcs./ Reel
Part Number
Number of
Contact
A
B
C
D
E
F
G
H
FF26-39A-R11A-3H
39
9.40
30.4
24.4
21.5
11.5
22.3
24.0
(1.84)
FF26-80A-R11B
80
17.6
38.4
32.4
25.5
14.2
28.4
32.0
(2.04)
User Direction of Feed
2.00
8.00
4.00
Emboss-tape dimension
C
C
Tailer:30 pockets min.
4000 pockets Leader:15 pockets min.
400mm min.
Leader & Trailer dimension
User Directiom of Feed
Empty components pockets
sealed with cover tape.
Empty components pockets
sealed with cover tape.
(H)
Section C­C
Detail
User Direction of Feed
2.00
8.00
4.00
Emboss-tape dimension
C
C
Tailer:30 pockets min.
4000 pockets Leader:15 pockets min.
400mm min.
Leader & Trailer dimension
User Directiom of Feed
Empty components pockets
sealed with cover tape.
Empty components pockets
sealed with cover tape.
(H)
Section C­C
Detail
User Direction of Feed
2.00
8.00
4.00
Emboss-tape dimension
C
C
Tailer:30 pockets min.
4000 pockets Leader:15 pockets min.
400mm min.
Leader & Trailer dimension
User Directiom of Feed
Empty components pockets
sealed with cover tape.
Empty components pockets
sealed with cover tape.
(H)
Section C­C
Detail
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com