Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF26-80A-R11B Datasheet(PDF) 1 Page - DDK Ltd.

Part # FF26-80A-R11B
Description  Ultra-low profile FPC connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF26-80A-R11B Datasheet(HTML) 1 Page - DDK Ltd.

  FF26-80A-R11B Datasheet HTML 1Page - DDK Ltd. FF26-80A-R11B Datasheet HTML 2Page - DDK Ltd. FF26-80A-R11B Datasheet HTML 3Page - DDK Ltd. FF26-80A-R11B Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
Your catalogue checking the latest specifications with our drawings would be highly appreciated.
FF26 Series
RoHS
Compliant
RoHS
Compliant
110630
0.20 mm Pitch Ultra-low Profile
Mobile phone, notebook PC, PDA, other Portable devices
Rated Voltage
50V AC (r.m.s.)
Rated Current
0.2A / Contact
Dielectric Withstanding Dimensions 200V AC (r.m.s.) / 1 minute
Insulation Resistance
50 MΩ min. at 250V DC
Contact Resistance
80m Ω max.
Item
Material / Finish
Conatct
Copper Alloy / Au (Flash) over Ni
Housing
LCP Resin (UL94V-0) / Ivory
Lock lever
PPS Resin (UL94V-0) / Black
OUTLINE
FEATURE
APPLICATIONS
SPECIFICATIONS
MATERIAL/FINISH
【UpperContact】
FF26 series is 0.2mm pitch, denpth 3.80mm and
0.66mm connector height.
Ultra-low profile FPC connector .
・DDK's original rotate oval cam lock mechanism; "Back-lock" system ensure
the reliable connection.
・The contact position is upper contact.
・Back-lock structure enables to retain FPC against pulling upward direction.
・Connectors deliver with the lock lever opened. Time saving for FPC inserting operation.
・Halogen free correspondence presence
Note : Please do not close the lock lever without inserting the FPC.
FPC Back-lock Connector


Similar Part No. - FF26-80A-R11B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF2600UXTR33T2M1 INFINEON-FF2600UXTR33T2M1 Datasheet
698Kb / 17P
XHP™2 module with CoolSiC™ Trench MOSFET
Revision 1.00 2024-04-16
More results

Similar Description - FF26-80A-R11B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
logo
Molex Electronics Ltd.
54809 MOLEX-54809 Datasheet
2Mb / 2P
0.30 and 0.50mm Pitch Ultra-low Profile SMT FFC/FPC Connectors
logo
DDK Ltd.
FF20-8A-R11A DDK-FF20-8A-R11A Datasheet
178Kb / 3P
0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
Ultra Low Profile
logo
Anaren Microwave
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
Ultra Low Profile 0805
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
Ultra Low Profile 0805
logo
Hirose Electric
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
logo
Hirose Electric
BM57 HIROSE-BM57 Datasheet
554Kb / 1P
Low-Profile Hybrid FPC-to-Board Connector Supporting 5A
Oct. 19, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com