Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7541A Datasheet(PDF) 1 Page - Analog Devices

Part # AD7541A
Description  CMOS 12-Bit Monolithic Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7541A Datasheet(HTML) 1 Page - Analog Devices

  AD7541A Datasheet HTML 1Page - Analog Devices AD7541A Datasheet HTML 2Page - Analog Devices AD7541A Datasheet HTML 3Page - Analog Devices AD7541A Datasheet HTML 4Page - Analog Devices AD7541A Datasheet HTML 5Page - Analog Devices AD7541A Datasheet HTML 6Page - Analog Devices AD7541A Datasheet HTML 7Page - Analog Devices AD7541A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7541A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
CMOS
12-Bit Monolithic Multiplying DAC
FUNCTIONAL BLOCK DIAGRAM
10k
Ω
10k
Ω
10k
Ω
20k
Ω
20k
Ω
20k
Ω
20k
Ω
20k
Ω
S1
S2
S3
S12
VREF
OUT2
OUT1
RFEEDBACK
BIT 12 (LSB)
BIT 3
BIT 2
BIT 1 (MSB)
DIGITAL INPUTS (DTL/TTL/CMOS COMPATIBLE)
LOGIC: A SWITCH IS CLOSED TO IOUT1 FOR
ITS DIGITAL INPUT IN A "HIGH" STATE.
10k
Ω
FEATURES
Improved Version of AD7541
Full Four-Quadrant Multiplication
12-Bit Linearity (Endpoint)
All Parts Guaranteed Monotonic
TTL/CMOS Compatible
Low Cost
Protection Schottky Diodes Not Required
Low Logic Input Leakage
GENERAL DESCRIPTION
The Analog Devices AD7541A is a low cost, high performance
12-bit monolithic multiplying digital-to-analog converter. It is
fabricated using advanced, low noise, thin film on CMOS
technology and is available in a standard 18-lead DIP and in
20-terminal surface mount packages.
The AD7541A is functionally and pin compatible with the in-
dustry standard AD7541 device and offers improved specifica-
tions and performance. The improved design ensures that the
device is latch-up free so no output protection Schottky diodes
are required.
This new device uses laser wafer trimming to provide full 12-bit
endpoint linearity with several new high performance grades.
PRODUCT HIGHLIGHTS
Compatibility: The AD7541A can be used as a direct replace-
ment for any AD7541-type device. As with the Analog Devices
AD7541, the digital inputs are TTL/CMOS compatible and
have been designed to have a
±1 µA maximum input current
requirement so as not to load the driving circuitry.
Improvements: The AD7541A offers the following improved
specifications over the AD7541:
1. Gain Error for all grades has been reduced with premium
grade versions having a maximum gain error of
±3 LSB.
2. Gain Error temperature coefficient has been reduced to
2 ppm/
°C typical and 5 ppm/°C maximum.
3. Digital-to-analog charge injection energy for this new device
is typically 20% less than the standard AD7541 part.
4. Latch-up proof.
5. Improvements in laser wafer trimming provides 1/2 LSB max
differential nonlinearity for top grade devices over the operat-
ing temperature range (vs. 1 LSB on older 7541 types).
6. All grades are guaranteed monotonic to 12 bits over the
operating temperature range.
ORDERING GUIDE
1
Relative
Gain
Temperature
Accuracy
Error
Package
Model2
Range
TMIN to TMAX TA = +25 C
Options3
AD7541AJN
0
°C to +70°C
±1 LSB
±6 LSB
N-18
AD7541AKN 0
°C to +70°C
±1/2 LSB
±1 LSB
N-18
AD7541AJP
0
°C to +70°C
±1 LSB
±6
P-20A
AD7541AKP
0
°C to +70°C
±1/2 LSB
±1
P-20A
AD7541AKR
0
°C to +70°C
±1/2 LSB
±1
R-18
AD7541AAQ
–25
°C to +85°C
±1 LSB
±6 LSB
Q-18
AD7541ABQ
–25
°C to +85°C
±1/2 LSB
±1 LSB
Q-18
AD7541ASQ
–55
°C to +125°C ±1 LSB
±6 LSB
Q-18
AD7541ATQ
–55
°C to +125°C ±1/2 LSB
±1 LSB
Q-18
AD7541ASE
–55
°C to +125°C ±1 LSB
±6 LSB
E-20A
AD7541ATE
–55
°C to +125°C ±1/2 LSB
±1 LSB
E-20A
NOTES
1Analog Devices reserves the right to ship either ceramic (D-18) or cerdip (Q-18)
hermetic packages.
2To order MIL-STD-883, Class B process parts, add /883B to part number. Contact
local sales office for military data sheet.
3E = Leadless Ceramic Chip Carrier; N = Plastic DIP; P = Plastic Leaded Chip
Carrier; Q = Cerdip; R = Small Outline IC.


Similar Part No. - AD7541A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7541A AD-AD7541A Datasheet
180Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
299Kb / 14P
CMOS, 12-Bit, Monolithic Multiplying DAC
20-Mar-2017
AD7541A AD-AD7541A Datasheet
230Kb / 8P
12-Bit Monolithic Multiplying DAC
REV. B
AD7541AAQ AD-AD7541AAQ Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AAQ AD-AD7541AAQ Datasheet
180Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results

Similar Description - AD7541A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
12-Bit CMOS Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
CMOS, 12-Bit, Monolithic Multiplying DAC
20-Mar-2017
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com