Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7537LP Datasheet(PDF) 5 Page - Analog Devices

Part # AD7537LP
Description  LC2MOS (84) Loading Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537LP Datasheet(HTML) 5 Page - Analog Devices

  AD7537LP Datasheet HTML 1Page - Analog Devices AD7537LP Datasheet HTML 2Page - Analog Devices AD7537LP Datasheet HTML 3Page - Analog Devices AD7537LP Datasheet HTML 4Page - Analog Devices AD7537LP Datasheet HTML 5Page - Analog Devices AD7537LP Datasheet HTML 6Page - Analog Devices AD7537LP Datasheet HTML 7Page - Analog Devices AD7537LP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD7537
REV. 0
–5–
UNIPOLAR BINARY OPERATION
(2-QUADRANT MULTIPLICATION)
Figure 4 shows the circuit diagram for unipolar binary opera-
tion. With an ac input, the circuit performs 2-quadrant multipli-
cation. The code table for Figure 4 is given in Table II.
Operational amplifiers A1 and A2 can be in a single package
(AD644, AD712) or separate packages (AD544, AD711,
AD OP27). Capacitors C1 and C2 provide phase compensation
to help prevent overshoot and ringing when high-speed op amps
are used.
For zero offset adjustment, the appropriate DAC register is
loaded with all 0s and amplifier offset adjusted so that VOUTA or
VOUTB is 0 V. Full-scale trimming is accomplished by loading
the DAC register with all 1s and adjusting R1 (R3) so that
VOUTA (VOUTB) = –VIN (4095/4096). For high temperature op-
eration, resistors and potentiometers should have a low Tem-
perature Coefficient. In many applications, because of the
excellent Gain T.C. and Gain Error specifications of the
AD7537, Gain Error trimming is not necessary. In fixed refer-
ence applications, full scale can also be adjusted by omitting R1,
R2, R3, R4 and trimming the reference voltage magnitude.
Figure 4. AD7537 Unipolar Binary Operation
Table II. Unipolar Binary Code Table for
Circuit of Figure 4
Binary Number in
DAC Register
Analog Output,
MSB
LSB
VOUTA or VOUTB
1111 1111 1111
−V
IN
4095
4096


1000 0000 0000
−V
IN
2048
4096


=− 1
2 V IN
0000 0000 0001
−V
IN
1
4096


0000 0000 0000
0 V
BIPOLAR OPERATION
(4-QUADRANT MULTIPLICATION)
The recommended circuit diagram for bipolar operation is
shown in Figure 5. Offset binary coding is used.
With the appropriate DAC register loaded to 1000 0000 0000,
adjust R1 (R3) so that VOUTA (VOUTB) = 0 V. Alternatively, R1,
R2 (R3, R4) may be omitted and the ratios of R6, R7 (R9, 10)
varied for VOUTA (VOUTB) = 0 V. Full-scale trimming can be ac-
complished by adjusting the amplitude of VIN or by varying the
value of R5 (R8).
If R1, R2 (R3, R4) are not used, then resistors R5, R6, R7 (R8,
R9, R10) should be ratio matched to 0.01% to ensure gain error
performance to the data sheet specification. When operating
over a wide temperature range, it is important that the resistors
be of the same type so that their temperature coefficients match.
The code table for Figure 5 is given in Table III.
Figure 5. Bipolar Operation (Offset Binary Coding)
Table III. Bipolar Code Table for Offset Binary
Circuit of Figure 5
Binary Number in
DAC Register
Analog Output,
MSB
LSB
VOUTA or VOUTB
1111 1111 1111
+V
IN
2047
2048


1000 0000 0001
+V
IN
1
2048


1000 0000 0000
0 V
0111 1111 1111
−V
IN
1
2048


0000 0000 0000
−V
IN
2048
2048


=−V
IN
Applications–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com