Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7537LP Datasheet(PDF) 3 Page - Analog Devices

Part # AD7537LP
Description  LC2MOS (84) Loading Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537LP Datasheet(HTML) 3 Page - Analog Devices

  AD7537LP Datasheet HTML 1Page - Analog Devices AD7537LP Datasheet HTML 2Page - Analog Devices AD7537LP Datasheet HTML 3Page - Analog Devices AD7537LP Datasheet HTML 4Page - Analog Devices AD7537LP Datasheet HTML 5Page - Analog Devices AD7537LP Datasheet HTML 6Page - Analog Devices AD7537LP Datasheet HTML 7Page - Analog Devices AD7537LP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7537
REV. 0
–3–
TIMING CHARACTERISTICS
Limit at
Limit at
Limit at
TA = –40 CTA = +55 C
Parameter
TA = +25 C
to +85 C
to +125 C
Units
Test Conditions/Comments
t1
15
15
30
ns min
Address Valid to Write Setup Time
t2
15
15
25
ns min
Address Valid to Write Hold Time
t3
60
80
80
ns min
Data Setup Time
t4
25
25
25
ns min
Data Hold Time
t5
0
0
0
ns min
Chip Select or Update to Write Setup Time
t6
0
0
0
ns min
Chip Select or Update to Write Hold Time
t7
80
80
100
ns min
Write Pulse Width
t8
80
80
100
ns min
Clear Pulse Width
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise stated)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VREFA, VREFB to AGNDA, AGNDB . . . . . . . . . . . . . . . .
±25 V
VRFBA, VRFBB to AGNDA, AGNDB . . . . . . . . . . . . . . . .
±25 V
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD +0.3 V
IOUTA, IOUTB to DGND . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
AGNDA, AGNDB to DGND . . . . . . . . . –0.3 V, VDD +0.3 V
Power Dissipation (Any Package)
To +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Derates Above +75
°C . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature Range
Commercial Plastic (J, K, L Versions) . . . . –40
°C to +85°C
Industrial Hermetic (A, B, C Versions) . . . –40
°C to +85°C
Extended Hermetic (S, T, U Versions) . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7537 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Figure 1. Timing Diagram
ORDERING GUIDE
1
Temperature
Relative
Gain
Package
Model
2
Range
Accuracy Error
Option
3
AD7537JN
–40
°C to +85°C ±1 LSB
±6 LSB N-24
AD7537KN
–40
°C to +85°C ±1/2 LSB ±3 LSB N-24
AD7537LN
–40
°C to +85°C ±1/2 LSB ±1 LSB N-24
AD7537JP
–40
°C to +85°C ±1 LSB
±6 LSB P-28A
AD7537KP
–40
°C to +85°C ±1/2 LSB ±3 LSB P-28A
AD7537LP
–40
°C to +85°C ±1/2 LSB ±1 LSB P-28A
AD7537AQ
–40
°C to +85°C ±1 LSB
±6 LSB Q-24
AD7537BQ
–40
°C to +85°C ±1/2 LSB ±3 LSB Q-24
AD7537CQ
–40
°C to +85°C ±1/2 LSB ±1 LSB Q-24
AD7537SQ
–55
°C to +125°C ±1 LSB
±6 LSB Q-24
AD7537TQ
–55
°C to +125°C ±1/2 LSB ±3 LSB Q-24
AD7537UQ
–55
°C to +125°C ±1/2 LSB ±2 LSB Q-24
AD7537SE
–55
°C to +125°C ±1 LSB
±6 LSB E-28A
AD7537TE
–55
°C to +125°C ±1/2 LSB ±3 LSB E-28A
AD7537UE
–55
°C to +125°C ±1/2 LSB ±2 LSB E-28A
NOTES
1Analog Devices reserves the right to ship ceramic packages (D-24A) in lieu of
cerdip packages (Q-24).
2To order MIL-STD-883, Class B processed parts, add/883B to part number.
Contact your local sales office for military data sheet.
3E = Leadless Ceramic Chip Carrier; N = Plastic DIP; P = Plastic Leaded Chip
Carrier; Q = Cerdip.
(VDD = +10.8 V to +16.5 V, VREFA = VREFB = +10 V; IOUTA = AGNDA = 0 V, IOUTB = AGNDB = 0 V.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com