Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVLSERIES Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DVLSERIES
Description  Electrical Double Layer Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DVLSERIES Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DVLSERIES Datasheet HTML 1Page - List of Unclassifed Manufacturers DVLSERIES Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Double Layer Capacitor
DYNACAP DVN series for Re-flow Soldering
ED-2202e‐2
ELNA CO., LTD.
3-8-11 Shin-yokohama,kouhoku-ku,yokohama-city,kanagawa,222-0033 JAPAN
TEL. +81-45-470-7254 FAX. +81-45-470-7260
CO.,LTD.
http://www.elna.co.jp/
Ten
tati
ve
Recommended re-flow conditions
プレヒート:150℃以下・120秒以内
Pre heat : 150℃ or less , within 120sec.
260
250
240
230
0
20
10
30
50
40
60
リフロー時間
Re-flow time (sec.)
-
Period of above 230℃-
Attention : リフローは上記範囲内で、可能な限り低温・短時間にて行ってください。
Recommmend reflow work at lower temperature in shorter time from the above conditon
.
0.3V以上の電圧が保持された状態でのリフローはお避け下さい。
Do not reflow solder when cell voltage remains 0.3V and above
.
ご注文の際は、納入仕様書等をご要求下さい。
Please refer to the specification sheet upon ordering.
ピーク温度
Peak temperature
230
150
リフロー時間
Re-flow time
120
プレヒート : 150℃以下・120秒以内
Preheating : 150℃ or less, within 120sec.
時間
Time (sec.)
260



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com