Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVLSERIES Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DVLSERIES
Description  Electrical Double Layer Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DVLSERIES Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DVLSERIES Datasheet HTML 1Page - List of Unclassifed Manufacturers DVLSERIES Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Double Layer Capacitor
DYNACAP DVL series for Re-flow Soldering
Specifications
Features
● Size: Φ12.5×10.5 mm, compatible with surface mounting and high voltage
of 5.5V.
● High temperature tolerant (-40 to +85℃) and highly reliable.
● Unlike batteries, safe and high reliability without containing active and
hazardous substances.
● Unlike batteries, excellent charge and discharge characteristics with no
chemical reactions.
● Responds to temperature 260 ℃ during the reflow peek.
ED-2202e‐2
NOTE: Design, Specification are subject to change without notice.
ELNA CO., LTD.
3-8-11 Shin-yokohama,kouhoku-ku,yokohama-city,kanagawa,222-0033 JAPAN
TEL. +81-45-470-7254 FAX. +81-45-470-7260
CO.,LTD.
http://www.elna.co.jp/
Ten
tati
ve
Max. operating voltage (V)
Category temperature range
(℃)
Size ΦD×L (mm)
Internal resistance (Ω)
at 1 kHz
Rated Capacitance (F)
Product Name
DVL-5R5D○○○T□-R□□
5.5V.DC
0.047F
45Ω
-40~+85℃
Φ12.5×10.5 mm
Weight (g)
3.8g
Applications
Memory backup for RTC and the others, instantaneous power assist for batteries
Dimensions
13 ±0.2
(1.2)
3.2
Unit: mm
Recommended land pattern size
0.1F
0.22F
○=Rated capacitance symbol
0.047F→473
0.1F →104
0.22F →224
Reference,
□=Additional symbol
0.3以下
(10.5)


Similar Part No. - DVLSERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DVL-5R5D104T-R5 ETC2-DVL-5R5D104T-R5 Datasheet
330Kb / 3P
High temperature tolerant -40 to 85??and highly reliable.
More results

Similar Description - DVLSERIES

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
logo
Murata Manufacturing Co...
JECXDE-0015 MURATA-JECXDE-0015 Datasheet
441Kb / 16P
Electrical Double Layer Capacitor
JECXDE-0016 MURATA-JECXDE-0016 Datasheet
334Kb / 16P
Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVS-SERIES ETC2-DVS-SERIES Datasheet
166Kb / 2P
Electrical Double Layer Capacitor
logo
Murata Manufacturing Co...
DMT334R2S474M3DTA0 MURATA-DMT334R2S474M3DTA0 Datasheet
380Kb / 16P
Electrical Double Layer Capacitor
logo
Nippon Precision Circui...
DDXE2R5LGN401KB65S NPC-DDXE2R5LGN401KB65S Datasheet
462Kb / 2P
ELECTRIC DOUBLE LAYER CAPACITOR
logo
Kemet Corporation
FCS0V474ZFTBR24 KEMET-FCS0V474ZFTBR24 Datasheet
59Kb / 1P
Capacitor, Double-Layer
logo
Suntan Capacitors
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com