Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9509P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9509P
Description  Low power level translating I2C-bus/SMBus repeater
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9509P Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9509P Datasheet HTML 1Page - NXP Semiconductors PCA9509P Datasheet HTML 2Page - NXP Semiconductors PCA9509P Datasheet HTML 3Page - NXP Semiconductors PCA9509P Datasheet HTML 4Page - NXP Semiconductors PCA9509P Datasheet HTML 5Page - NXP Semiconductors PCA9509P Datasheet HTML 6Page - NXP Semiconductors PCA9509P Datasheet HTML 7Page - NXP Semiconductors PCA9509P Datasheet HTML 8Page - NXP Semiconductors PCA9509P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PCA9509P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2012
2 of 23
NXP Semiconductors
PCA9509P
Low power level translating I2C-bus/SMBus repeater
1.1 Selection recommendations
The PCA9509P should be used if an external A-port pull-up resistor is required to adjust
current for noise margin considerations or to reduce operating current consumption. See
Table 1 for comparison.
[1]
The PCA9509 current mirrors do not shut down when the device is disabled allowing instant turn-on, but at
the cost of the higher standby current. The PCA9509A and PCA9509P current mirrors are turned off when
disabled for lowest standby power consumption, but sufficient delay (10
s) after enable is needed before
resuming operation.
[2]
Operating currents do not include the current consumed by the external pull-ups on B-port or the external
pull-ups on the A-port of the PCA9509P.
2.
Features and benefits
Bidirectional buffer isolates capacitance and allows 400 pF on port B of the device
Voltage level translation from port A (0.8 V to 1.5 V) to port B (2.3 V to 5.5 V)
No internal current source on A port to reduce current consumption for portable
applications
Active HIGH enable input disables current mirrors to reduce standby power
Open-drain inputs/outputs
Lock-up free operation
Supports arbitration and clock stretching across the repeater
Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
Powered-off high-impedance I2C-bus pins
Operating supply voltage range of 0.8 V to 1.5 V on port A, 2.3 V to 5.5 V on port B
All pins are 5 V tolerant with respect to ground pin
0 Hz to 400 kHz clock frequency
Remark: The maximum system operating frequency may be less than 400 kHz
because of the delays added by the repeater.
ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: TSSOP8, XQFN8
Table 1.
Device selection recommendation
Concern
Recommended device
PCA9509
PCA9509A
PCA9509P
A-port — lowest voltage
0.1 V
0.85 V
0.85 V
A-port — current source[1]
yes — 1 mA
yes — 270
A
no — external pull-up
operating current[2]
<6.1 mA
<1.9 mA
< 0.95mA
standby current EN = LOW
< 2 mA
< 22
A max.
< 22
A max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com