Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9509P Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9509P
Description  Low power level translating I2C-bus/SMBus repeater
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9509P Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9509P Datasheet HTML 9Page - NXP Semiconductors PCA9509P Datasheet HTML 10Page - NXP Semiconductors PCA9509P Datasheet HTML 11Page - NXP Semiconductors PCA9509P Datasheet HTML 12Page - NXP Semiconductors PCA9509P Datasheet HTML 13Page - NXP Semiconductors PCA9509P Datasheet HTML 14Page - NXP Semiconductors PCA9509P Datasheet HTML 15Page - NXP Semiconductors PCA9509P Datasheet HTML 16Page - NXP Semiconductors PCA9509P Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PCA9509P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2012
13 of 23
NXP Semiconductors
PCA9509P
Low power level translating I2C-bus/SMBus repeater
VCC(A) = 1.1 V; VCC(B) =3.3 V
(1) Slew rate of falling signal, port B
(2) Slew rate of rising signal, port B
(3) Slew rate of falling signal, port A
(4) Slew rate of rising signal, port A
Tamb =27 C; VCC(B) =3.3 V
(1) Port A tPHL
(2) Port A tPLH
(3) Port B tPLH2
(4) Port B tPHL
Fig 12. Typical slew rate versus ambient temperature
Fig 13. Typical propagation delay versus port A
supply voltage
Tamb =27 C; VCC(B) =3.3 V
Tamb =27 C; VCC(B) =3.3 V
(1) Slew rate of falling signal, port B
(2) Slew rate of rising signal, port B
(3) Slew rate of falling signal, port A
(4) Slew rate of rising signal, port A
Fig 14. Typical port B LOW to HIGH propagation delay
versus port A supply voltage
Fig 15. Typical slew rate versus port A supply voltage
0.02
0.04
0.06
SR
(V/ns)
0
Tamb (°C)
−50
125
002aag183
100
75
50
25
0
−25
(1)
(2)
(3)
(4)
70
150
190
time
(ns)
VCC(A) (V)
0.8
1.5
0.9
002aag184
1.0
1.2
1.3
1.4
1.1
110
(1)
(2)
(3)
(4)
−112
−108
tPLH
(ns)
VCC(A) (V)
0.8
1.5
0.9
002aag191
1.0
1.2
1.3
1.4
1.1
−111
−110
−109
0
0.04
0.06
SR
(V/ns)
VCC(A) (V)
0.8
1.5
0.9
002aag192
1.0
1.2
1.3
1.4
1.1
0.02
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com