Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7660 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7660
Description  16-Bit, 100 kSPS CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7660 Datasheet HTML 9Page - Analog Devices AD7660 Datasheet HTML 10Page - Analog Devices AD7660 Datasheet HTML 11Page - Analog Devices AD7660 Datasheet HTML 12Page - Analog Devices AD7660 Datasheet HTML 13Page - Analog Devices AD7660 Datasheet HTML 14Page - Analog Devices AD7660 Datasheet HTML 15Page - Analog Devices AD7660 Datasheet HTML 16Page - Analog Devices AD7660 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD7660
–13–
When the source impedance of the driving circuit is low, the
AD7660 can be driven directly. Large source impedances will
significantly affect the ac performances, especially the total
harmonic distortion. The maximum source impedance depends
on the amount of total harmonic distortion (THD) that can be
tolerated. The THD degrades in function of the source imped-
ance and the maximum input frequency as shown in Figure 8.
INPUT FREQUENCY – kHz
–100
1
100
10
–95
–90
–85
–80
–75
–70
RS = 500
RS = 100
RS = 50
RS = 20
Figure 8. THD vs. Analog Input Frequency and
Input Resistance
Driver Amplifier Choice
Although the AD7660 is easy to drive, the driver amplifier needs
to meet at least the following requirements:
•
The driver amplifier and the AD7660 analog input circuit
have to be able together to settle for a full-scale step the
capacitor array at a 16-bit level (0.0015%). For instance,
operation at the maximum throughput of 100 kSPS requires
a minimum gain bandwidth product of 5 MHz.
•
The noise generated by the driver amplifier needs to be kept
as low as possible in order to preserve the SNR and transi-
tion noise performance of the AD7660. The noise coming
from the driver is filtered by the AD7660 analog input circuit
one-pole low-pass filter made by R1 and C2. For instance, a
driver with an equivalent input noise of 7 nV/
√Hz like the
AD8519 and configured as a buffer, thus with a noise gain of
+1, degrades the SNR by only 0.2 dB.
•
The driver needs to have a THD performance suitable to
that of the AD7660. TPC 8 gives the THD versus frequency
that the driver should preferably exceed.
The AD8519, OP162, or the OP184 meet these requirements
and are usually appropriate for almost all applications. As an
alternative, in very high-speed and noise-sensitive applications,
the AD829 with an external compensation capacitor of 82 pF
can be used. This capacitor should have good linearity as an
NPO ceramic or mica type. Moreover, the use of a noninverting
+1 gain arrangement is recommended and helps to obtain the
best signal-to-noise ratio.
Voltage Reference Input
The AD7660 uses an external 2.5 V voltage reference. The
voltage reference input REF of the AD7660 has a dynamic
input impedance. Therefore, it should be driven by a low
impedance source with an efficient decoupling between REF
and REFGND inputs. This decoupling depends on the choice
of the voltage reference but, usually consists of a low ESR tanta-
lum capacitor and a 100 nF ceramic capacitor. Appropriate
value for the tantalum capacitor is 47
µF with the low-cost,
low-power ADR291 voltage reference or with the low-noise,
low-drift AD780 voltage reference. For applications using
multiple AD7660s, it is more effective to buffer the reference
voltage with a low-noise, very stable op amp like the AD8031.
Care should also be taken with the reference temperature coeffi-
cient of the voltage reference which directly affects the full-scale
accuracy if this parameter matters. For instance, a
±15 ppm/°C
tempco of the reference changes the full scale by
±1 LSB/°C.
Power Supply
The AD7660 uses three sets of power supply pins: an analog
5 V supply AVDD, a digital 5 V core supply DVDD, and a
digital input/output interface supply OVDD. The OVDD supply
allows direct interface with any logic working between 2.7 V and
5.25 V. To reduce the number of supplies needed, the digital
core (DVDD) can be supplied through a simple RC filter from
the analog supply as shown in Figure 6. The AD7660 is inde-
pendent of power supply sequencing and thus free from supply
voltage induced latchup. Additionally, it is very insensitive to
power supply variations over a wide frequency range as shown in
Figure 9.
INPUT FREQUENCY – Hz
–80
1k
10k
100k
1M
–75
–70
–65
–60
–55
–50
Figure 9. PSRR vs. Frequency
POWER DISSIPATION VS. THROUGHPUT
The AD7660 automatically reduces its power consumption at
the end of each conversion phase. During the acquisition phase,
the operating currents are very low which allows a significant
power saving when the conversion rate is reduced as shown in
Figure 10. This feature makes the AD7660 ideal for very low-
power battery applications. It should be noted that the digital
interface remains active even during the acquisition phase. To
reduce the operating digital supply currents even further, the
digital inputs need to be driven close to the power rails (i.e.,
DVDD and DGND for all inputs except EXT/
INT, INVSYNC,
INVSCLK, RDC/SDIN, and OVDD or OGND for the last
four inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com